Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5501 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5501
Description  3.3 V, SWITCH AND LNA FRONT END SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5501 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5501 Datasheet HTML 1Page - RF Micro Devices RF5501 Datasheet HTML 2Page - RF Micro Devices RF5501 Datasheet HTML 3Page - RF Micro Devices RF5501 Datasheet HTML 4Page - RF Micro Devices RF5501 Datasheet HTML 5Page - RF Micro Devices RF5501 Datasheet HTML 6Page - RF Micro Devices RF5501 Datasheet HTML 7Page - RF Micro Devices RF5501 Datasheet HTML 8Page - RF Micro Devices RF5501 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF5501
DS130719
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Antenna Port Nominal Impedance
50
Stability Output VSWR
5:1
LNA Input Power (no damage)
5
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b, IEEE802.11g
FCC CFR 15.247,.205,.209, VDD=3.3V,
LNA EN=3.0V, Temp=-10°C to +75°C,
Freq=2.4GHz to 2.5GHz,
unless noted otherwise.
Operating Frequency
2.4
2.5
GHz
LNA Voltage Supply (VDD)
3.0
3.3
4.5
V
LNA Enable Voltage (LNA_EN)
2.7
3.0
4.5
V
LNA ON
0.2
V
LNA OFF; Bypass mode ON
Switch Control Voltage “HIGH”
2.4
3.0
4.5
V
C_RX, C_TX, C_BT
Switch Control Voltage “LOW”
0.2
V
C_RX, C_TX, C_BT
LNA Bypass Switch
2.7
3.0
4.5
V
LNA_EN high; Bypass mode OFF
0.2
V
LNA_EN low; Bypass mode ON
Current Consumption
LNA VDD
7
10.5
mA
LNA ON
10
A
LNA OFF
LNA_EN high
1
1.5
mA
LNA_EN low
10
uA
Switch Controls
10
uA
1-3uA per control line
Gain
WiFi Receive
8
11
14
dB
C RXHI, C TXLO, C BTLO, LNA ENHI
WiFi RX Bypass
-5
-3.5
dB
LNA EN<0.2V
Simultaneous WiFi/
BT Receive (note 2)
7
8
dB
Measured at RX OUT (LNA ENHI, C RXHI, C BTHI,
C TXLO)
-5.0
-4
dB
Measured at BT Port (LNA ENHI, C RXHI, C BTHI,
C TXLO)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com