Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5501 Datasheet (PDF) - RF Micro Devices

RF5501 Datasheet PDF - RF Micro Devices
Part # RF5501
Download  RF5501 Download
File Size   2375.22 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3 V, SWITCH AND LNA FRONT END SOLUTION

RF5501 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5501 Datasheet PDF - RF Micro Devices

Part # RF5501
Download  RF5501 Click to download

File Size   2375.22 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3 V, SWITCH AND LNA FRONT END SOLUTION

RF5501 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF5501

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RF5506PCK-410 RFMD-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506PCK-410 QORVO-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RF5506SB RFMD-RF5506SB Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results


Similar Description - RF5501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
RF Micro Devices
RF5521 RFMD-RF5521 Datasheet
955Kb / 10P
3.3V, SWITCH AND LNA FRONT END MODULE
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
3.3V, SWITCH AND LNA FRONT END SOLUTION
RFFM5541 RFMD-RFFM5541 Datasheet
152Kb / 7P
4.9GHz to 5.85GHz Switch and LNA Front End Solution
logo
Qorvo, Inc
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com