Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5601 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5601
Description  4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5601 Datasheet(HTML) 8 Page - RF Micro Devices

  RF5601 Datasheet HTML 1Page - RF Micro Devices RF5601 Datasheet HTML 2Page - RF Micro Devices RF5601 Datasheet HTML 3Page - RF Micro Devices RF5601 Datasheet HTML 4Page - RF Micro Devices RF5601 Datasheet HTML 5Page - RF Micro Devices RF5601 Datasheet HTML 6Page - RF Micro Devices RF5601 Datasheet HTML 7Page - RF Micro Devices RF5601 Datasheet HTML 8Page - RF Micro Devices RF5601 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 9
RF5601
Pin Names and Descriptions
Pin
Name
Description
1
RF IN
RF Input. Input is matched to 50
Ω and DC block is provided internally.
2
LNA_EN
LNA Enable. Please see truth table for operation.
3
BYP_EN
Bypass Enable. Please see truth table for operation.
4
NC
No Connect.
5
RF OUT
RF Output. Output is matched to 50
Ω and DC-block is provided internally.
6
NC
No Connect.
7
VDD
Supply voltage for the LNA circuit.
8
NC
No Connect
Pkg Base
The center metal base of the QFN package provides DC and RF ground as well as heat sink for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com