Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5601 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5601
Description  4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5601 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5601 Datasheet HTML 1Page - RF Micro Devices RF5601 Datasheet HTML 2Page - RF Micro Devices RF5601 Datasheet HTML 3Page - RF Micro Devices RF5601 Datasheet HTML 4Page - RF Micro Devices RF5601 Datasheet HTML 5Page - RF Micro Devices RF5601 Datasheet HTML 6Page - RF Micro Devices RF5601 Datasheet HTML 7Page - RF Micro Devices RF5601 Datasheet HTML 8Page - RF Micro Devices RF5601 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RF5601
4.9GHz to 5.85GHz
Low Noise Amplifier with Bypass
The RF5601 is a high performance Low Noise Amplifier designed
for 802.11a/n/ac applications and other portable consumer
electronics. The small form factor and high level of integration
(input and output match, internal DC blocking capacitors) reduces
the number of external components keeping cost down and
minimizing layout area for implementation. The RF5601 is
featured in a 2.2mm x 2.2mm x 0.5mm 8-pin QFN package.
2
LNA_EN
1
RF IN
3
4
5
RF OUT
6
N/C
8
7
Functional Block Diagram
Ordering Information
RF5601
Standard 25 piece bag
RF5601SR
Standard 100 piece reel
RF5601TR7
Standard 2500 piece reel
RF5601PCK-410
Fully populated evaluation board w/ 5 piece bag
Package: QFN, 8-pin,
2.2mm x 2.2mm x 0.5mm
Features
■ Single Supply Voltage 2.3V to 4.8V
■ 1.8 dB Noise Figure
■ 12 dB Typical Gain
■ 5dB IL in Bypass Mode
Applications
■ 802.11a/n/ac WiFi Applications
■ Consumer Electronics
■ Mobile Devices
■ Gaming
■ General Purpose 5GHz LNA
RF5601


Similar Part No. - RF5601

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF5602HWBPCK-410 RFMD-RF5602HWBPCK-410 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5602HWLPCK-410 RFMD-RF5602HWLPCK-410 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5602HWMPCK-410 RFMD-RF5602HWMPCK-410 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5601

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
logo
RF Micro Devices
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
Low Noise Amplifier with Bypass
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
Low Noise Amplifier with Bypass Mode
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com