Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5602 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5602 Datasheet HTML 1Page - RF Micro Devices RF5602 Datasheet HTML 2Page - RF Micro Devices RF5602 Datasheet HTML 3Page - RF Micro Devices RF5602 Datasheet HTML 4Page - RF Micro Devices RF5602 Datasheet HTML 5Page - RF Micro Devices RF5602 Datasheet HTML 6Page - RF Micro Devices RF5602 Datasheet HTML 7Page - RF Micro Devices RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, RF applied
-0.5 to +5.25
VDC
Supply Voltage, no RF applied
-0.5 to +6.0
VDC
DC Supply Current
800
mA
Input RF Power
+10*
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL1
*Maximum Input Power with a 50
 load
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WiFi IEEE 802.11b/g/n
Nominal Condition T = 25°C, VCC = 3.3V, 4.2V, and 5V,
VREG = 2.9V, Freq = 2450MHz, Duty Cycle 10 to 100%
unless otherwise noted
Frequency Range
2400
2500
MHz
Compliance
IEEE 802.11g/n and IEEE 802.11b
Output Power
26
27
dBm
With a standard IEEE 802.11g waveform (54Mbit/s), VCC
= 5.0V
EVM
2.5
3
%
RMS, Mean (at 100% duty cycle over Full VREG and fre-
quency ranges)
IEEE 802.11b POUT
28
28.5
dBm
ACP1
-34
-30
using a standard IEEE 802.11b waveform at 1Mbps
ACP2
-54
-50
using a standard IEEE 802.11b waveform at 1Mbps
Output Power
25
25.5
dBm
With a standard IEEE 802.11g waveform (54Mbit/s), VCC
= 4.2V
EVM
2.5
3
%
RMS, Mean (at 100% duty cycle over Full VREG and fre-
quency ranges)
IEEE 802.11b POUT
27
dBm
ACP1
-34
-30
using a standard IEEE 802.11b waveform at 1Mbps
ACP2
-54
-50
using a standard IEEE 802.11b waveform at 1Mbps
Output Power
23.5
24
dBm
With a standard IEEE 802.11g waveform (54Mbit/s), VCC
= 3.3V
EVM
2.5
3.5
%
RMS, Mean (at 100% duty cycle over Full VREG and fre-
quency ranges)
IEEE 802.11b POUT
25.5
dBm
ACP1
-34
-30
using a standard IEEE 802.11b waveform at 1Mbps
ACP2
-54
-50
using a standard IEEE 802.11b waveform at 1Mbps
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com