Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5602 Datasheet(PDF) 27 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 27 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 19Page - RF Micro Devices RF5602 Datasheet HTML 20Page - RF Micro Devices RF5602 Datasheet HTML 21Page - RF Micro Devices RF5602 Datasheet HTML 22Page - RF Micro Devices RF5602 Datasheet HTML 23Page - RF Micro Devices RF5602 Datasheet HTML 24Page - RF Micro Devices RF5602 Datasheet HTML 25Page - RF Micro Devices RF5602 Datasheet HTML 26Page - RF Micro Devices RF5602 Datasheet HTML 27Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
27 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
Part Number
Description
RF5602
Standard 25 piece bag
RF5602SR
Standard 100 piece reel
RF5602TR7
Standard 2500 piece reel
RF5602WM50PCK-410
Fully assembled RF5602WM50410 5.0 volts tune PCBA and 5 loose pcs for WiMAX tune 2.5GHz to 2.7GHz
RF5602WM33PCK-410
Fully assembled RF5602WM33410 3.3 volts tune PCBA and 5 loose pcs for WiMAX tune 2.5GHz to 2.7GHz
RF5602WL50PCK-410
Fully assembled RF5602WL50410 5.0 volts tune PCBA and 5 loose pcs for WiFi tune 2.4GHz to 2.5GHz
RF5602WL33PCK-410
Fully assembled RF5602WL33410 3.3 volts tune PCBA and 5 loose pcs for WiFi tune 2.4GHz to 2.5GHz
RF5602WB50PCK-410
Fully assembled RF5602WB50410 5.0 volts tune PCBA and 5 loose pcs for WiBro tune 2.3GHz to 2.4GHz
RF5602WB33PCK-410
Fully assembled RF5602WB33410 3.3 volts tune PCBA and 5 loose pcs for WiBro tune 2.3GHz to 2.4GHz
RF5602HWBPCK-410
Fully assembled balanced evaluation board with 5 loose samples tuned for 2.3 to 2.4GHz
RF5602HWLPCK-410
Fully assembled balanced evaluation board with 5 loose samples tuned for 2.4 to 2.5GHz
RF5602HWMPCK-410
Fully assembled balanced evaluation board with 5 loose samples tuned for 2.5 to 2.7GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com