Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603SR Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF5603SR
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603SR Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF5603SR Datasheet HTML 16Page - RF Micro Devices RF5603SR Datasheet HTML 17Page - RF Micro Devices RF5603SR Datasheet HTML 18Page - RF Micro Devices RF5603SR Datasheet HTML 19Page - RF Micro Devices RF5603SR Datasheet HTML 20Page - RF Micro Devices RF5603SR Datasheet HTML 21Page - RF Micro Devices RF5603SR Datasheet HTML 22Page - RF Micro Devices RF5603SR Datasheet HTML 23Page - RF Micro Devices RF5603SR Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3.6GHz to 3.8GHz
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
0
5
10
15
20
25
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
-40°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
29.5
30.0
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
0
5
10
15
20
25
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
25°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
27.5
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
32.0
32.5
0
5
10
15
20
25
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
85°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET (V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
-40°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET (V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
25°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET (V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
85°C
VCC=3.3VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com