Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5603SR
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5603SR Datasheet HTML 5Page - RF Micro Devices RF5603SR Datasheet HTML 6Page - RF Micro Devices RF5603SR Datasheet HTML 7Page - RF Micro Devices RF5603SR Datasheet HTML 8Page - RF Micro Devices RF5603SR Datasheet HTML 9Page - RF Micro Devices RF5603SR Datasheet HTML 10Page - RF Micro Devices RF5603SR Datasheet HTML 11Page - RF Micro Devices RF5603SR Datasheet HTML 12Page - RF Micro Devices RF5603SR Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3.6GHz to 3.8GHz Schematic
1
2
3
4
5
8
7
6
11
10
9
12
13
14
15
16
C9
1.5 pF
J2
RFOUT
PDET
*R3
VREG2
*R2
R1


J1
RF IN
C13
1000 pF
L3
12 nH
L5
1.8 nH
C1
1000 pF
C17
10 uF
VCC
C19
1.0 pF
L6
6.8 nH
C16
1 uF
C8
1.2 pF
C7
330 pF
*R4
P1
1
2
HDR_1X2
VCC
P2
1
2
3
4
5
HDR_1X5
PDET
VREG3
VREG2
VREG1
C11
1 uF
*R5
C2
1000 pF
* VCC(V) R1(Ohms)R2(Ohms)R3(Ohms)R4(Ohms)R5(Ohms)
3.3
220
180
56
0
0
5.0
220
75
0
56
5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com