Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652TR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5652TR13
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652TR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5652TR13 Datasheet HTML 1Page - RF Micro Devices RF5652TR13 Datasheet HTML 2Page - RF Micro Devices RF5652TR13 Datasheet HTML 3Page - RF Micro Devices RF5652TR13 Datasheet HTML 4Page - RF Micro Devices RF5652TR13 Datasheet HTML 5Page - RF Micro Devices RF5652TR13 Datasheet HTML 6Page - RF Micro Devices RF5652TR13 Datasheet HTML 7Page - RF Micro Devices RF5652TR13 Datasheet HTML 8Page - RF Micro Devices RF5652TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
2000
mA
Input RF Power
+10*
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
*Maximum Input Power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Conditions
T=25 °C, VCC=5.0V, VREG=2.85V, using an
IEEE802.11g waveform, 54MBps, unless otherwise
noted
Frequency
2412
2484
MHz
Compliance with standard 802.11b and 802.11g
802.11g & 11n Output Power
29
30
dBm
EVM
2.5
3
%
Gain
31.5
33.5
37.5
dB
Gain variation over Temp
+/-2.5
dB
Second Harmonic
-25
dBm/MHz
Third Harmonic
-50
dBm/MHz
Power Detect Range
0.2
2.8
V
POUT = 0 to 30dBm, usable range from 0 to 32dBm
Power Detect Power Range
10
33
dBm
Input Return Loss - Tx_in pin
10
15
dB
In specified frequency band
Output Return Loss
8
10
dB
In specified frequency band
Operating Current
1450
1650
mA
At POUT = 30dBm
Quiescent Current
950
1050
mA
VCC = 5.0, VREG = 2.85V & RF=OFF
IREG
13
18
mA
PDOWN Current
30
mA
PDOWN = 0V, VREG = 2.85V, VCC = 5V
Leakage Current
0.25
0.4
mA
VCC = 5V, VREG = 0V, PDOWN = 0V
Power Supply - VCC
55.25
V
Power supply - VREG (at Eval Board pin)
2.8
2.85
3
V
Generic Performance
Turn-on time from setting of VREG's
650
nsec
Output stable to within 90% of final gain
Stability
-25
34
dBm
No spurs above -47dBm into 4:1 VSWR
Max Pin (Ruggedness - 10:1 VSWR at
Ant)
6
dBm
No damage for VSWR=10:1
Max Pin (Ruggedness - 50
)
15
dBm
No damage for VSWR=1:1
CW P1dB
37
dBm
TX mode in 50% Duty Cycle
ESD
Human Body Mode
500
V
EIA/JESD22-114A RF pins
500
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
Thermal Resistance
RTH_J
8.5
°C/W
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com