Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652TR13 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF5652TR13
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652TR13 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF5652TR13 Datasheet HTML 13Page - RF Micro Devices RF5652TR13 Datasheet HTML 14Page - RF Micro Devices RF5652TR13 Datasheet HTML 15Page - RF Micro Devices RF5652TR13 Datasheet HTML 16Page - RF Micro Devices RF5652TR13 Datasheet HTML 17Page - RF Micro Devices RF5652TR13 Datasheet HTML 18Page - RF Micro Devices RF5652TR13 Datasheet HTML 19Page - RF Micro Devices RF5652TR13 Datasheet HTML 20Page - RF Micro Devices RF5652TR13 Datasheet HTML 21Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
WiMAX Performance Plots
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
12
14
16
18
20
22
24
26
28
30
32
Output Power (dBm)
EVM(%) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2500MHz
2600MHz
2700MHz
0.20
0.70
1.20
1.70
2.20
2.70
3.20
10
12
14
16
18
20
22
24
26
28
30
32
Output Power (dBm)
Icc(A) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2500MHz
2600MHz
2700MHz
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
10
12
14
16
18
20
22
24
26
28
30
32
Output Power (dBm)
Gain(dB) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2500MHz
2600MHz
2700MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
12
14
16
18
20
22
24
26
28
30
32
Output Power (dBm)
Power Detect (V) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2500MHz
2600MHz
2700MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com