Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6504SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6504SB
Description  3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6504SB Datasheet(HTML) 2 Page - RF Micro Devices

  RF6504SB Datasheet HTML 1Page - RF Micro Devices RF6504SB Datasheet HTML 2Page - RF Micro Devices RF6504SB Datasheet HTML 3Page - RF Micro Devices RF6504SB Datasheet HTML 4Page - RF Micro Devices RF6504SB Datasheet HTML 5Page - RF Micro Devices RF6504SB Datasheet HTML 6Page - RF Micro Devices RF6504SB Datasheet HTML 7Page - RF Micro Devices RF6504SB Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF6504
DS130730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5
V
RF Port Impedance
50
Ω
Operating Temperature
-30 to 70
°C
Storage Temperature
-40 to 85
°C
ESD, HBM (RF pins)
500
V
ESD, HBM (All pins)
500
V
ESD, CDN (RF pins)
500
V
ESD, CDM (all pins)
500
V
MSL
MSL 3
Maximum Input Power to PA
+20
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Specifications are at nominal supply voltage,
control voltage, and temperature. Characteriza-
tion will be done over full voltage and tempera-
ture range specified.
Frequency
433
450 to 470
MHz
RF Port Impedance
50
Ω
Total Leakage Current
4
5
μAVREG = 0V
ESD, HBM
500
V
RF pins
500
V
All other pins
ESD, CDM
500
V
RF pins
500
V
All other pins
PA Section
CW POUT Saturation
30
dBm
PA PSAT - Sw(1dB) - Filt(1dB)
Large Signal Gain
13
15
dB
Input PA to Output of Switch
Input Power
17
dBm
2Fo to 10Fo
-54
-60
dBc
Input Return Loss
10
dB
Battery Voltage
3.3
3.6
4.0
V
VCC
Battery Current
850
mA
VCC = 3.6V, PA PAE 55%
Power Down Current
0.3
2
μAVCC = 3.6V, VREG = 0V
VREG
3.1
3.4
3.8
V
VCC = 0.2V
VREG Current
3
4
mA
RX Section
Noise Figure
0.7
1
dB
Input IP3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
65/EURFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen
free per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com