Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6504SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6504SB
Description  3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6504SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF6504SB Datasheet HTML 1Page - RF Micro Devices RF6504SB Datasheet HTML 2Page - RF Micro Devices RF6504SB Datasheet HTML 3Page - RF Micro Devices RF6504SB Datasheet HTML 4Page - RF Micro Devices RF6504SB Datasheet HTML 5Page - RF Micro Devices RF6504SB Datasheet HTML 6Page - RF Micro Devices RF6504SB Datasheet HTML 7Page - RF Micro Devices RF6504SB Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
GND
ANT
GND
GND
TX
GND
26
18
19
20
21
23
24
25
RX
GND
NC
GND
GND
GND
GND
GND
22
GND
GND
RF6504
3.3V TO 4.0V, 433MHz TO 470MHz
TRANSMIT/RECEIVE FRONT END MODULE
RF6504 is a front end module (FEM) intended for 433MHz to 470MHz AMI/AMR
systems. This module provides separate ports for Rx and Tx paths. The Tx section
provides a PA with nominal output power of 30dBm and gain of 15dB. The Rx is a
pass through. Both are combined to a single antenna port with a SP2T switch. The
device is provided in a 5.5mm x 5.0mm, 28-pin package.
Features
Tx Output Power: 30dBm
Separate 50
Ω Tx/Rx Transceiver
Interface Rx Insertion Loss: 1dB
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
433MHz/450MHz to 470MHz
ISM Band Application
Single Chip RF Front End Module
DS130730
Package: LGA, 28-Pin, 5.5mm x 5.0mm
RF65043.3V
to 4.0V,
433MHz to
470MHz
Trans-
mit/Receive
Front End
Module
RF6504
ISM Band Front End Module
RF6504SB
5-Piece Bag
RF6504SR
Standard 100-Piece Reel
RF6504TR7
Standard 750-Piece Reel
RF6504TR13
Standard 2500-Piece Reel
RF6504PCK-410
Fully Assembled Evaluation Board and 5-Piece Bag


Similar Part No. - RF6504SB

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6505PCK-410 RFMD-RF6505PCK-410 Datasheet
755Kb / 9P
3.2V TO 4.2V, 2.4GHz FRONT END MODULE
More results

Similar Description - RF6504SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
169 to 170 MHz Transmit/Receive Front-End Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com