Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6599 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6599
Description  915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6599 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6599 Datasheet HTML 1Page - RF Micro Devices RF6599 Datasheet HTML 2Page - RF Micro Devices RF6599 Datasheet HTML 3Page - RF Micro Devices RF6599 Datasheet HTML 4Page - RF Micro Devices RF6599 Datasheet HTML 5Page - RF Micro Devices RF6599 Datasheet HTML 6Page - RF Micro Devices RF6599 Datasheet HTML 7Page - RF Micro Devices RF6599 Datasheet HTML 8Page - RF Micro Devices RF6599 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RF6599
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5
V
RF Port Impedance
50
W
Operating Temperature
-30 to 70
°C
Storage Temperature
-40 to 85
°C
ESD, HBM (RF pins)
500
V
ESD, HBM (All pins)
500
V
ESD, CDN (RF pins)
500
V
ESD, CDM (all pins)
500
V
MSL
MSL 3
Maximum Input Power to PA*
+20
dBm
*Maximum Input Power with a 50
Ω Load
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Power Amplifier
VCC = 3.6V, TXRX_SEL = High, ANT_SEL = High or Low,
VREG = High, Temperature = 25°C
Frequency Range
902
915
928
MHz
CW Output Power
25.5
26
dBm
Large Signal Gain, Min Supply
Voltage
15.0
16.0
dB
VCC = 3.3V, Temperature = -30°C
13.0
15.5
dB
VCC = 3.3V, Temperature = 25°C
10.5
15.0
dB
VCC = 3.3V, Temperature = 70°C
Large Signal Gain, Typ Supply
Voltage
17.0
18.0
dB
VCC = 3.6V, Temperature = -30°C
16.5
17.0
dB
VCC = 3.6V, Temperature = 25°C
15.0
16.5
dB
VCC = 3.6V, Temperature = 70°C
Large Signal Gain, Max Supply
Voltage
18.5
19.0
dB
VCC = 4.0V, Temperature = -30°C
17.0
18.0
dB
VCC = 4.0V, Temperature = 25°C
16.0
17.0
dB
VCC = 4.0V, Temperature = 70°C
Output Harmonic Levels
2nd
-30
dBc
3rd through 10th
-67
dBc
Input Return Loss
10
dB
Power Supply Voltage
VCC
3.3
3.6
4
V
VREG
3.1
3.4
3.8
V
VREG = VCC - 0.2V
Current
Operating VCC
215
290
mA
VCC = 3.6V, POUT = 26dBm
Operating VREG
3
4
mA
Tx Idle Current
54
60
mA
VCC = 3.6V, VREG = 3.4V, ANT_SEL = TXRX_SEL = 3.4V at POUT = 0dBm
Module Leakage
0.2
0.5
mA
VCC = 3.6V TXRX_SEL, ANT_SEL and VREG = 0.0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com