Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6599 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6599
Description  915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6599 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6599 Datasheet HTML 1Page - RF Micro Devices RF6599 Datasheet HTML 2Page - RF Micro Devices RF6599 Datasheet HTML 3Page - RF Micro Devices RF6599 Datasheet HTML 4Page - RF Micro Devices RF6599 Datasheet HTML 5Page - RF Micro Devices RF6599 Datasheet HTML 6Page - RF Micro Devices RF6599 Datasheet HTML 7Page - RF Micro Devices RF6599 Datasheet HTML 8Page - RF Micro Devices RF6599 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RF6599
915MHz Transmit/Receive Module
This module is intended for 915MHz AMR solutions. It provides
separate ports for Rx and Tx paths and two ports on the output for
connecting a diversity solution or a test port. The PA section
provides a nominal output power of 26dBm.
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
GND
ANT2
GND
GND
TX
GND
26
18
19
20
21
23
24
25
RX
GND
ANT1
GND
GND
GND
GND
GND
22
GND
GND
Functional Block Diagram
Ordering Information
RF6599
ISM Band Transmit/Receive Module with Diversity
Antenna Switch
RF6599PCBK-410
Fully assembled evaluation board w/5 piece bag
Package: 28-pin,
5.5mm x 5.0mm
Features
■ Tx Output Power: 26dBm
■ Tx Gain: 14dB
■ Rx Insertion Loss: 1dB
■ Antenna Diversity Switch
Applications
■ Wireless Automated Metering
■ Wireless Alarm Systems
■ Portable Battery Powered
Equipment
■ Smart Energy
RF6599


Similar Part No. - RF6599

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6599

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com