Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7321 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF7321
Description  3V LTE Band 11, 21 Linear PA Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7321 Datasheet(HTML) 3 Page - RF Micro Devices

  RF7321 Datasheet HTML 1Page - RF Micro Devices RF7321 Datasheet HTML 2Page - RF Micro Devices RF7321 Datasheet HTML 3Page - RF Micro Devices RF7321 Datasheet HTML 4Page - RF Micro Devices RF7321 Datasheet HTML 5Page - RF Micro Devices RF7321 Datasheet HTML 6Page - RF Micro Devices RF7321 Datasheet HTML 7Page - RF Micro Devices RF7321 Datasheet HTML 8Page - RF Micro Devices RF7321 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF7321
DS120906
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Specifications
Temp = +25C, VBAT= +3.8V, VEN = +1.8V, 50 system,
LTE Modulation used: QPSK, 10MHz channel,
12 Resource Blocks with MPR = 0, unless otherwise
specified.
Gain
26.5
28
31.5
dB
HP, POUT = 27.5dBm, VCC = 3.4V
17
19.5
23
dB
MP, POUT ≤ 16dBm, VCC = 1.3V
11
14
17
dB
LP, POUT ≤ 6dBm, VCC = 0.7V
Gain Flatness
±0.25
dB
All modes over any 13.5MHz BW
Gain Linearity
±1
dB
All modes
ACLR - E-UTRA (±10MHz)
-39
-35
dBc
HP, POUT = 27.5dBm, VCC = 3.4V (MPR=0)
-39
-35
dBc
HP, POUT = 26.5dBm, VCC = 3.4V1
-41
-35
dBc
MP, POUT ≤ 16dBm, VCC = 1.3V
-44
-35
dBc
LP, POUT ≤ 6dBm, VCC = 0.7V
ACLR1 - UTRA (±7.5MHz)
-39
-36
dBc
HP, POUT = 27.5dBm, VCC = 3.4V (MPR=0)
-39
-36
dBc
HP, POUT = 26.5dBm, VCC = 3.4V1
-41
-36
dBc
MP, POUT ≤ 16dBm, VCC = 1.3V
-44
-36
dBc
LP, POUT ≤ 6dBm, VCC = 0.7V
ACLR2 - UTRA (±12.5MHz)
-62
-49
dBc
HP, POUT = 27.5dBm, VCC = 3.4V (MPR=0)
-42
-39
dBc
HP, POUT = 26.5dBm, VCC = 3.4V1
-62
-49
dBc
MP, POUT ≤ 16dBm, VCC = 1.3V
-62
-49
dBc
LP, POUT ≤ 6 dBm, VCC = 0.7V
PA Efficiency (PAE)
39
43
%
HP, POUT = 27.5 dBm, VCC = 3.4V
35
40
%
HP, POUT = 26.5dBm, VCC = 3.4V1
25
29
%
MP, POUT = 16 dBm, VCC = 1.3V
10
12
%
LP, POUT = 6 dBm, VCC = 0.7V
PA Current Drain
375
404
mA
HP, POUT = 27.5 dBm, VCC = 3.4V
320
375
mA
HP, POUT = 26.5dBm, VCC = 3.4V1
105
126
mA
MP, POUT = 16 dBm, VCC = 1.3V
39
46
mA
LP, POUT = 6 dBm, VCC = 0.7V
PA + DC-DC Current Drain (MP)
42.3
mA
POUT = 16dBm, Assumes VBAT = 3.8V, 85% DC-DC
PA + DC-DC Current Drain (LP)
9.6
mA
POUT = 6dBm, Assumes VBAT = 3.8V, 75% DC-DC
Quiescent Current (PA only)
53
70
mA
HP, DC only, No RF applied
37
50
mA
MP, DC only, No RF applied
23
28
mA
LP, DC only, No RF applied
Quiescent Current (PA + DC-DC)
5.0
mA
No RF, with VCC= 0.6V, VBAT = 3.8V,
and DC-DC Efficiency = 73%.
Noise Power in Duplex Rx Band 11
-135
dBm/Hz
All power outs, then measured at Rx Duplex Band 11
(Rx = 1476.9MHz to 1495.9MHz)
Noise Power in Duplex Rx Band 21
-135
dBm/Hz
All power outs, then measured at Rx Duplex Band 21
(Rx = 1495.9MHz to 1510.9MHz)
Noise Power in GPS Rx Band
-135
dBm/Hz
GPS Band RX at 1575.42MHz ± 1MHz
Noise Power in Band 1
-140
dBm/Hz
Measured in the 2110 - 2170 MHz band
NOTES:
[1] ACLR measurements were performed using 10MHz, QPSK LTE modulation with 50 resource blocks (MPR = 1dB) (reference 3GPP
TS36.101)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com