Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7321 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF7321
Description  3V LTE Band 11, 21 Linear PA Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7321 Datasheet(HTML) 5 Page - RF Micro Devices

  RF7321 Datasheet HTML 1Page - RF Micro Devices RF7321 Datasheet HTML 2Page - RF Micro Devices RF7321 Datasheet HTML 3Page - RF Micro Devices RF7321 Datasheet HTML 4Page - RF Micro Devices RF7321 Datasheet HTML 5Page - RF Micro Devices RF7321 Datasheet HTML 6Page - RF Micro Devices RF7321 Datasheet HTML 7Page - RF Micro Devices RF7321 Datasheet HTML 8Page - RF Micro Devices RF7321 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF7321
DS120906
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin-Out Description
Pin
Function
Description
1VBAT
Supply voltage for the bias circuitry.
2RF IN
RF input internally matched to 50
 and DC blocked.
3VMODE1
Digital control input for power mode selection.
4VMODE0
Digital control input for power mode selection.
5VEN
Digital control input for PA enable and disable.
6CPL OUT
Coupler output.
7GND
This pin must be grounded.
8CPL IN
Coupler input used for cascading couplers in series. Terminate this pin with a 50
 resistor if not connected to
another coupler.
9RF OUT
RF output internally matched to 50
 and DC blocked.
10
VCC
Supply voltage for the first and second stage amplifiers which can be connected to the battery supply or output
of the DC-DC converter.
Pkg
Base
GND
Ground connection - this package backside should be soldered to a topside ground pad connecting to the PCB
ground plane with multiple ground vias. The pad should have a low thermal resistance and low electrical imped-
ance to the ground plane.
Operating Logic Table
VEN
VMODE0 VMODE1
VBAT
VCC
Conditions/Comments
Low
Low
Low
3.0V to 4.4V
0.5V to 4.35V
Power down mode
Low
X
X
3.0V to 4.4V
0.5V to 4.35V
Standby Mode
High
Low
Low
3.0V to 4.4V
0.5V to 4.35V
High Power State
High
High
Low
3.0V to 4.4V
0.5V to 4.35V
Medium Power State
High
High
High
3.0V to 4.4V
0.5V to 4.35V
Low Power State



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com