Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3790SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFAM3790SB
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFAM3790SB Datasheet HTML 1Page - RF Micro Devices RFAM3790SB Datasheet HTML 2Page - RF Micro Devices RFAM3790SB Datasheet HTML 3Page - RF Micro Devices RFAM3790SB Datasheet HTML 4Page - RF Micro Devices RFAM3790SB Datasheet HTML 5Page - RF Micro Devices RFAM3790SB Datasheet HTML 6Page - RF Micro Devices RFAM3790SB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
RFAM3790
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Over-Voltage (5 minutes)
14
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Moisture Sensitivity Level IPC/JEDEC J-STD-20
MSL 3 @260
°C
Caution! ESD sensitive device.
RoHS status based on EU Directive
2011/65/EU
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+= 12V; TMB=30°C; ZS=ZL=75
Ω; Att=0dB
Power Gain
27.0
dB
f=45MHz
27.5
28.5
29.5
dB
f=1218MHz
Slope
[1]
0.5
1.5
2.5
dB
f=45MHz to 1218MHz
Flatness of Frequency Response
0.5
1.0
dB
f=45MHz to 1218MHz (Peak to Valley)
Input Return Loss
18
dB
f=45MHz to 1003MHz
16
dB
f=1003MHz to 1218MHz
Output Return Loss
15
dB
f=45MHz to 1003MHz
15
dB
f=1003MHz to 1218MHz
Noise Figure
4.0
5.0
dB
f=50MHz to 1218MHz
Total Current Consumption (DC)
410
450
mA
Attenuator
V+= 12V; TMB=30°C; ZS=ZL=75
Ω;
Attenuator Range
0 to 20
dB
Attenuator Voltage 0V to 12V
Power Enable/Disable
Amp
enabled
Logic high (3.3V) applied to power enable pin
[2]
Amp
disabled
Logic low (0V) applied to power enable pin
[3]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com