Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3790SB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFAM3790SB
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790SB Datasheet(HTML) 3 Page - RF Micro Devices

  RFAM3790SB Datasheet HTML 1Page - RF Micro Devices RFAM3790SB Datasheet HTML 2Page - RF Micro Devices RFAM3790SB Datasheet HTML 3Page - RF Micro Devices RFAM3790SB Datasheet HTML 4Page - RF Micro Devices RFAM3790SB Datasheet HTML 5Page - RF Micro Devices RFAM3790SB Datasheet HTML 6Page - RF Micro Devices RFAM3790SB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 7
RFAM3790
Parameter
Specification
Unit
Condition
Min
Typ
Max
Distortion
V+= 12V; TMB=30°C; ZS=ZL=75
Ω; Att=0dB
Adjacent Channel Power Ratio (ACPR);
N=4 contiguous 256QAM channels
-58
dBc
Channel Power = 58dBmV; Adjacent channel up to 750 kHz
from channel block edge
-60
dBc
Channel Power = 58dBmV; Adjacent channel (750 kHz from
channel block edge to 6MHz from channel block edge)
-63
dBc
Channel Power = 58dBmV; Next-adjacent channel (6 MHz from
channel block edge to 12 MHz from channel block edge)
-65
dBc
Channel Power = 58dBmV; Third-adjacent channel (12 MHz
from channel block edge to 18 MHz from channel block edge)
2
nd Order Harmonic (HD2); N=1
256QAM channel
-63
dBc
Channel Power = 66dBmV; In each of 2N contiguous 6 MHz
channels coinciding with 2nd harmonic components (up to
1000MHz);
3
rd Order Harmonic (HD3); N=1
256QAM channel
-63
dBc
Channel Power = 66dBmV; In each of 3N contiguous 6 MHz
channels coinciding with 3rd harmonic components (up to
1000MHz);
CTB
-67
dBc
VO=46dBmV, flat, 79 analog channels plus 75 digital channels
(-6dB offset)
[4], [6]
XMOD
-60
dBc
CSO
-70
dBc
CIN
64
dB
CTB
-67
dBc
VO=45dBmV, flat, 79 analog channels plus 111 digital channels
(-6dB offset)
[5], [6]
XMOD
-61
dBc
CSO
-70
dBc
CIN
65
dB
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
Logic high is defined as power enable voltage >2V
3.
Logic low is defined as power enable voltage <0.4V
4.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +46dBmV flat output level, plus 75 digital channels, -6dB
offset relative to the equivalent analog carrier.
5.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +45dBmV flat output level, plus 111 digital channels,
-6dB offset relative to the equivalent analog carrier.
6.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA. Composite
Triple Beat (CTB) - The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) - Cross modulation (XMOD) is
measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to
Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com