Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0025 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA0025
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0025 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA0025 Datasheet HTML 3Page - RF Micro Devices RFDA0025 Datasheet HTML 4Page - RF Micro Devices RFDA0025 Datasheet HTML 5Page - RF Micro Devices RFDA0025 Datasheet HTML 6Page - RF Micro Devices RFDA0025 Datasheet HTML 7Page - RF Micro Devices RFDA0025 Datasheet HTML 8Page - RF Micro Devices RFDA0025 Datasheet HTML 9Page - RF Micro Devices RFDA0025 Datasheet HTML 10Page - RF Micro Devices RFDA0025 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFDA0025
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
50MHz to 850MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
50MHz to 850MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RDA1005L w/ USB Evaluation Board
PCB Itself
Dynamic Details (DDI) Torronto
RDA1005L410(C)
RFDA0025, 5.2 x 5.2sq. mm,32-Pin Laminate
U1
RFMD
RFDA0025
CAP, 270pF, 5%, 50V, C0G, 0402
C1, C3, C6, C8
Murata Electronics
GRM1555C1H271JA01E
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C7, C9-C10, C12
Murata Electronics
GRM155R71H102KA01E
CAP, 1µF, 10%, 16V, X7R, 0805
C4, C14
Murata Electronics
GRM21BR71C105KA01K
CAP, 0.1µF, 10%, 16V, X7R, 0603
C5, C13
Murata Electronics
GRM188R71C104KA01D
IND, 1200nH, 5%, W/W, 1008
L1
Coilcraft
1008CS-122XJLC
RES, 1K, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-102JTH
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 x 0402
RP2
KOA
CN1E4KTTD102J
CONN, HDR, ST, PLRZD, 14-Pin, 0.100"
P1
ITW Pancon
MPSS100-14-C
CONN, HDR, ST, PLRZD, 2-Pin, 0.100"
P2
ITW Pancon
MPSS100-2-C
CONN, SKT, 24-PIN DIP, 0.600", T/H
P3
Aries Electronics Inc.
24-6518-10
CONN, SMA, END LNCH, FLT, 0.062"
J1-J4
Emerson Network Power
142-0701-821
MOD, USB TO SERIAL UART, SSOP-28
M1 (See Note)
Future Technology Devices Int'l
UM232R
DNP
C11, R2, RP3-RP4
N/A
N/A
Note: M1 is to be mounted into P3 with respect to the Pin 1 alignment of M1 and P3
RP2
1K
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P1
HDR_1 X14
CL K
DATA
LE
GND
GND1
GND1
GND
GND
GND
GND
GND
J3
SM A
J4
SM A
J1
AT TI N
J2
AM P OUT
GND
1
2
P2
HDR_1 X2
C1
270pF
C3
270pF
C2
1000pF
C8
270pF
C6
270pF
C4 1uF
C5 0.1uF
C7 1000pF
C9
1000pF
C10
1000pF
C12
1000pF
C13
0.1uF
C14
1uF
L1
1200nH
50 ohm Micro Strip 39mil
VCC
R1
1K
PUP
PUP
VCC
GND
CB 2
12
TXD
1
DT R#
2
RT S#
3
VI O
4
RXD
5
RI #
6
GND
7
DSR#
8
DCD#
9
CT S#
10
CB 4
11
GND
24
SL D
13
US B
14
VCC
15
PU2
16
PU1
17
CB 3
18
3V3
19
RS T
20
VCC
21
CB 1
22
CB 0
23
CB 2
TXD
DT R#
RT S#
VI O
RXD
RI #
GND
DSR#
DCD#
CT S#
CB 4
GND
SL D
US B
VCC
PU2
PU1
CB 3
3V3
RS T
VCC
CB 1
CB 0
P3
UM 232R
R2
DNP
GND
PUP
LE
DATA
CL K
ACG 5
9
ACG 6
10
GND
11
ATTIN
12
GND
13
NC
14
PUP
15
NC
16
CL K
25
DATA
26
LE
27
GND
28
AMPOUT/VCC
29
GND
30
GND
31
GND
32
U1
RFDA0025
GND
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com