Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0025 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0025
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0025 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0025 Datasheet HTML 1Page - RF Micro Devices RFDA0025 Datasheet HTML 2Page - RF Micro Devices RFDA0025 Datasheet HTML 3Page - RF Micro Devices RFDA0025 Datasheet HTML 4Page - RF Micro Devices RFDA0025 Datasheet HTML 5Page - RF Micro Devices RFDA0025 Datasheet HTML 6Page - RF Micro Devices RFDA0025 Datasheet HTML 7Page - RF Micro Devices RFDA0025 Datasheet HTML 8Page - RF Micro Devices RFDA0025 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
9
10
1
2
3
4
5
6
7
8
11
12
13
14
15
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
AMPIN
GND
GND
ATTOUT
ACG1
ACG2
ACG3
ACG4
NC
NC
NC
NC
NC
NC
NC
Vdd
DSA
6-bit SPI
E-pad
GND
RFDA0025
DIGITAL CONTROLLED VARIABLE GAIN
AMPLIFIER
RFMD’s RFDA0025 is a digital controlled variable gain amplifier featuring high lin-
earity over the entire gain control range. The 6-bit digital step attenuator is pro-
grammed with a serial mode control interface. The RFDA0025 is packaged in a
small 5.2mmx5.2mm leadless laminate MCM with plated through thermal vias for
ultra low thermal resistance. The footprint for this module is directly compatible
with most 32-pin 5mmx5mm QFNs. The amplifier’s bias choke and DC blocks are
external, allowing for optimum performance over specific bands within 50MHz to
850MHz.
Features
50MHz to 850MHz Operation
6-Bit Digital Step Attenuator
Serial Control Interface
31.5dB Attenuation Range
(0.5dB Step)
High OIP3/P1dB=+42/20dBm
Single +5V Supply
Footprint Compatible with 32-Pin
5mmx5mm QFN
Applications
Transceiver IF DVGA
Cellular, PCS, 3G Infrastructure
Wireless Data, Satellite
Terminals
DS120817
Package: MCM 32-Pin, 5.2mmx5.2mm
RFDA0025Dig-
ital Controlled
Variable Gain
Amplifier
RFDA0025SQ
Sample bag with 25 pieces
RFDA0025SR
7” Reel with 100 pieces
RFDA0025R7
7” Reel with 750 pieces
RFDA0025R13
13” Reel with 2500 pieces
RFDA0025PCK-410 50MHz to 850MHz PCBA with 5-piece sample bag
Ordering Information


Similar Part No. - RFDA0025

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026PCK-410 RFMD-RFDA0026PCK-410 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026PCK-411 RFMD-RFDA0026PCK-411 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026SQ RFMD-RFDA0026SQ Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0026SR RFMD-RFDA0026SR Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
More results

Similar Description - RFDA0025

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com