Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0025R13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA0025R13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0025R13 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA0025R13 Datasheet HTML 1Page - RF Micro Devices RFDA0025R13 Datasheet HTML 2Page - RF Micro Devices RFDA0025R13 Datasheet HTML 3Page - RF Micro Devices RFDA0025R13 Datasheet HTML 4Page - RF Micro Devices RFDA0025R13 Datasheet HTML 5Page - RF Micro Devices RFDA0025R13 Datasheet HTML 6Page - RF Micro Devices RFDA0025R13 Datasheet HTML 7Page - RF Micro Devices RFDA0025R13 Datasheet HTML 8Page - RF Micro Devices RFDA0025R13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFDA0025
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
-80
-70
-60
-50
-40
-30
-20
-10
0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Isolation
(dB)
Frequency (GHz)
Isolation, Major States, 25C
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01234
56
Isolation
(dB)
Freq (GHz)
Isolation over Temperature, Max Gain
+25C
-40C
+85C
-3
-2
-1
0
1
2
3
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Error
(dB)
Frequency (GHz)
Attenuation Error, Major States, 25C
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-3
-2
-1
0
1
2
3
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Error
(dB)
Frequency (GHz)
Attenuation Error, Major States, 85C
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-3
-2
-1
0
1
2
3
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Error
(dB)
Frequency (GHz)
Attenuation Error, Major States, -40C
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-45
-30
-15
0
15
30
45
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Phase
(deg)
Frequency (GHz)
Normalized Phase Error, Major States, 25C
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com