Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0025R13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFDA0025R13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0025R13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFDA0025R13 Datasheet HTML 3Page - RF Micro Devices RFDA0025R13 Datasheet HTML 4Page - RF Micro Devices RFDA0025R13 Datasheet HTML 5Page - RF Micro Devices RFDA0025R13 Datasheet HTML 6Page - RF Micro Devices RFDA0025R13 Datasheet HTML 7Page - RF Micro Devices RFDA0025R13 Datasheet HTML 8Page - RF Micro Devices RFDA0025R13 Datasheet HTML 9Page - RF Micro Devices RFDA0025R13 Datasheet HTML 10Page - RF Micro Devices RFDA0025R13 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RFDA0025
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Serial Port Interface:
SPI Timing Diagram
Programming Example - 6-Bit
SPI Timing Diagram Specifications
Parameter
Limit
Unit
Comment
t1
25
MHz max
CLK Frequency
t2
20
ns min
CLK High
t3
20
ns min
CLK Low
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
Control Voltage Table
Power-up Programming Truth Table
State
VDD=+3V
VDD=+5V
PUP
Attenuator Setting
Low
0V to 0.8V
0V to 0.8V
Low
Attenuation at Max, 31.5dB
High
2.0 to VDD
2.0 to VDD
High
Attenuation at Min, 0dB
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
t10
MSB
LSB
D4
D3
D2
D0
D1
D5
CLK
DATA
LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com