Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0045TR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFDA0045TR13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045TR13 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFDA0045TR13 Datasheet HTML 2Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 3Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 4Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 5Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 6Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 7Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 8Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 9Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Descriptions
Pin #
Pin Name
Description
1GND
RF/DC Ground Connection
2RFIN1
RF Input for Amplifier 1
3GND
RF/DC Ground Connection
4RFOUT1
RF Output/Bias for Amplifier 1
5GND
RF/DC Ground Connection
6ATTIN
RF Input for Digital Step Attenuator
7GND
RF/DC Ground Connection
8ACG1
AC Ground *
9GND
RF/DC Ground Connection
10
ACG2
AC Ground *
11
ACG3
AC Ground *
12
ACG4
AC Ground *
13
ACG5
AC Ground *
14
GND
RF/DC Ground Connection
15
ACG6
AC Ground *
16
GND
RF/DC Ground Connection
17
ACG7
AC Ground *
18
GND
RF/DC Ground Connection
19
ATTOUT
RF Output for Digital Step Attenuator
20
RFIN2
RF Input for Amplifier 2
21
GND
RF/DC Ground Connection
22
RFOUT2
RF Output/Bias for Amplifier 2
23
GND
RF/DC Ground Connection
24
NC
No Internal Connection
25
NC
No Internal Connection
26
PUP
Power-up Programming Pin
27
VDD
Supply Voltage
28
GND
RF/DC Ground Connection
29
NC
No Internal Connection
30
CLK
Serial Clock
31
DATA
Serial Data Input
32
LE
Latch Enable
* External capacitors to ground are recommended for frequency operation below 500MHz and place capacitor as close to pins as possible.
For operation >500MHz, these pins may be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com