Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0045TR13 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA0045TR13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045TR13 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA0045TR13 Datasheet HTML 2Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 3Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 4Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 5Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 6Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 7Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 8Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 9Page - RF Micro Devices RFDA0045TR13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Build of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
RFDA0045410(A)
Digital Controlled Variable Gain Amplifier
U1
RFMD
RFDA0045SB
CAP, 100pF, 5%, 50V, C0G, 0402
C1, C7, C10
Murata Electronics
GRM1555C1H101JZ01D
CAP, 10000pF, 10%, 16V, X7R, 0402
C2
Taiyo Yuden (USA), Inc.
RM EMK105BJ103KV-F
CAP, 3300pF, 10%, 50V, X7R, 0402
C3-C6
Taiyo Yuden (USA), Inc.
RM UMK105BJ332KV-F
CAP, 1000pF, 10%, 50V, X7R, 0402
C8, C11
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 1uF, 10%, 16V, X7R, 0603
C9, C12
Murata Electronics
GRM188R71C105KA12D
CAP, 330pF, 10%, 50V, X7R, 0402
C13-C16
Taiyo Yuden (USA), Inc.
RM UMK105BJ331KV-F
CONN, HDR, ST, 8-PIN, 0.100"
P1
SAMTEC INC.
TSW-108-07-G-S
CONN, SMA, END LNCH, RND PIN, 0.059"
J1-J2
GIGALANE CO., LTD.
PSF-S01-006
IND, 560nH, 10%, W/W, 0805
L1-L2
Coilcraft, Inc.
0805CS-561XJBC
RES, 1K, 5%, 1/16W, 0402
R1-R3, R5
Kamaya, Inc
RMC1/16S-102JTH
RES, 0
, 0402
R4
Kamaya, Inc
RMC1/16SJPTH
RES, 0
, 0603
R7-R8
Kamaya, Inc
RMC1/16JPTP
DNI
R6, J3-J4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com