Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2125 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA2125
Description  Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2125 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA2125 Datasheet HTML 1Page - RF Micro Devices RFDA2125 Datasheet HTML 2Page - RF Micro Devices RFDA2125 Datasheet HTML 3Page - RF Micro Devices RFDA2125 Datasheet HTML 4Page - RF Micro Devices RFDA2125 Datasheet HTML 5Page - RF Micro Devices RFDA2125 Datasheet HTML 6Page - RF Micro Devices RFDA2125 Datasheet HTML 7Page - RF Micro Devices RFDA2125 Datasheet HTML 8Page - RF Micro Devices RFDA2125 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RFDA2125
rfmd.com
Digital Controlled Variable Gain Amplifier
400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
Package Style: MCM 32-Pin, 5.2mm x 5.2mm
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trademark
owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademark s are the property of their respective owners. ©2006, RF Micro Devices, Inc.
DS130326
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 26
Features
Frequency Range 400MHz to
2700MHz
6-Bit Digital Step Attenuator
SPI Serial Control Programming
Max Gain = 29.5dB Typical at
2140MHz
Gain Control Range = 31.5dB
(0.5dB Step Size)
OIP3/P1dB = +44/25dBm Typical
at 2140MHz
Single +5V Supply
Small 32-Pin, 5.2mm x 5.2mm,
MCM
Power-up Programming
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
1
2
3
4
5
6
7
23
24
17
18
19
20
21
SPI_CLK
SPI_PUP
GND
Vamp1
GND
GND
RF_IN
GND
GND
GND
GND
GND
Amp2_IN
GND
DSA
8
22
GND
GND
AMP2
Functional Block Diagram
Product Description
RFMD’s RFDA2125 is a digital controlled variable gain amplifier for
broadband applications with external matching to allow for
configurations in different bands with a single module. It features
exceptional linearity with noise figure less than 5.0dB in its maximum
gain state. The gain of the 6-bit digital step attenuator is programmed
with a serial mode control interface (SPI). The RFDA2125 is packaged in
a small 5.2mm x 5.2mm leadless laminate MCM, which contains plated
through thermal vias for ultra-low thermal resistance.
Ordering Information
RFDA2125SR
7” Sample reel with 100 pieces
RFDA2125SQ
Sample bag with 25 pieces
RFDA2125TR13
13” Reel with 2500 pieces
RFDA2125PCK-410
400MHz to 2700MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015PCK-410 RFMD-RFDA2015PCK-410 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SQ RFMD-RFDA2015SQ Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SR RFMD-RFDA2015SR Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015TR13 RFMD-RFDA2015TR13 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com