Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS55BZ Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS55BZ
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS55BZ Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS55BZ Datasheet HTML 1Page - Central Semiconductor Corp CS55BZ Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R1
CS55BZ
CS55DZ
SILICON CONTROLLED RECTIFIER
0.8 AMPS, 200 AND 400 VOLTS
TO-92 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR CS55BZ series type are epoxy molded silicon controlled rectifiers designed
for applications requiring extremely low gate sensitivity.
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL
CS55BZ
CS55DZ
UNITS
Peak Repetitive Off-State Voltage
VDRM,VRRM
200
400
V
RMS On-State Current (TC=60oC)
IT(RMS)
0.8
A
Peak One Cycle Surge (t=10ms)
ITSM
10
A
I2t Value for Fusing (t=10ms)
I2t
0.24
A2s
Peak Gate Power (tp=10
µs)
PGM
2.0
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Current (tp=10
µs)
IGM
1.0
A
Peak Gate Voltage (tp=10
µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +125
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
100
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM,IRRM
Rated VDRM,VRRM, RGK=1KΩ
1.00
µA
IDRM,IRRM
Rated VDRM,VRRM, RGK=1KΩ, TC=125°C
100
µA
IGT
VD=12V
20
µA
IH
RGK=1KΩ
5.00
mA
VGT
VD=12V
0.8
V
VTM
ITM=1.0A
1.70
V
dv/dt
VD=.67 x VDRM, RGK=1KΩ, TC=125°C
25
V/
µs


Similar Part No. - CS55BZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
More results

Similar Description - CS55BZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com