Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS55BZ Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CS55BZ
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS55BZ Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CS55BZ Datasheet HTML 1Page - Central Semiconductor Corp CS55BZ Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS55BZ / CS55DZ
SILICON CONTROLLED RECTIFIER
RMS ON-STATE CURRENT vs. CASE
TEMPERATURE
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (°C)
MAXIMUM ON-STATE
CHARACTERISTICS
0
0.5
1
1.5
2
00.5
11.5
22.5
VTM, ON-STATE VOLTAGE (V)
TC=125°C
TC=25°C
TO-92 PACKAGE - MECHANICAL OUTLINE
R1
G
A
B
F
E
I
H
C
D
1 2 3
MINMAX
MINMAX
A (DIA)
0.175
0.205
4.45
5.21
B
0.170
0.210
4.32
5.33
C
0.500
-
12.70
-
D
0.016
0.022
0.41
0.56
E
F
G
0.125
0.165
3.18
4.19
H
0.080
0.105
2.03
2.67
I
TO-92 (REV: R1)
Lead Code:
1) Anode
2) Gate
3) Cathode
0.015
0.38
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.100
2.54
0.050
1.27



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com