Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC2071SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFC2071SB
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071SB Datasheet(HTML) 4 Page - RF Micro Devices

  RFFC2071SB Datasheet HTML 1Page - RF Micro Devices RFFC2071SB Datasheet HTML 2Page - RF Micro Devices RFFC2071SB Datasheet HTML 3Page - RF Micro Devices RFFC2071SB Datasheet HTML 4Page - RF Micro Devices RFFC2071SB Datasheet HTML 5Page - RF Micro Devices RFFC2071SB Datasheet HTML 6Page - RF Micro Devices RFFC2071SB Datasheet HTML 7Page - RF Micro Devices RFFC2071SB Datasheet HTML 8Page - RF Micro Devices RFFC2071SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Note 1: An RC low pass filter could be used on this line to reduce digital noise.
Note 2: If the device is under software control this input can be configured as a general purpose output (GPO).
Note 3: Connect a 51kΩ resistor from this pin to ground, this pin is sensitive to low frequency noise injection.
Note 4: DC voltage should not be applied to this pin. Use either an AC-coupling capacitor as part of lumped element matching
network or a transformer (see evaluation board schematic).
Note 5: This pin must be connected to ANA_VDD2 using an RF choke or a transformer (see application schematic).
Pin Names and Descriptions
Pin
Name
Description
1ENBL/GPO5 Device Enable pin. See note 1 and 2.
2
EXT_LO
External local oscillator input (see note 4).
3
EXT_LO_DEC Decoupling pin for external local oscillator (see note 4).
4REXT
External bandgap bias resistor. See note 3.
5
ANA_VDD1
Analog supply. Use good RF decoupling.
6LFILT1
Phase detector output. Low-frequency noise-sensitive node.
7LFILT2
Loop filter op-amp output. Low-frequency noise-sensitive node.
8LFILT3
VCO control input. Low-frequency noise-sensitive node.
9MODE/GPO6 Mode select pin. See note 1 and 2.
10
REF_IN
Reference input. Use AC coupling capacitor.
11
NC
12
TM
Connect to ground.
13
MIX1_IPN
Differential input 1 (see note 4). On RFFC2072 this pin is NC.
14
MIX1_IPP
Differential input 1 (see note 4). On RFFC2072 this pin is NC.
15
GPO1/ADD1 General purpose output / MultiSlice address bit.
16
GPO2/ADD2 General purpose output / MultiSlice address bit.
17
MIX1_OPN
Differential output 1 (see note 5). On RFFC2072 this pin is NC.
18
MIX1_OPP
Differential output 1 (see note 5). On RFFC2072 this pin is NC.
19
DIG_VDD
Digital supply. Should be decoupled as close to the pin as possible.
20
NC
21
NC
22
ANA_VDD2
Analog supply. Use good RF decoupling.
23
MIX2_IPP
Differential input 2 (see note 4).
24
MIX2_IPN
Differential input 2 (see note 4).
25
GPO3/FM
General purpose output / frequency control input.
26
GPO4/LD/DO General purpose output / Lock detect output / serial data out.
27
MIX2_OPN
Differential output 2 (see note 5).
28
MIX2_OPP
Differential output 2 (see note 5).
29
RESETX
Chip reset (active low). Connect to DIG_VDD if asynchronous reset is not required.
30
ENX
Serial interface select (active low). See note 1.
31
SCLK
Serial interface clock. See note 1.
32
SDATA
Serial interface data. See note 1.
Exposed paddle
Ground reference, should be connected to PCB ground through a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com