Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC2071SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFC2071SB
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071SB Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFFC2071SB Datasheet HTML 3Page - RF Micro Devices RFFC2071SB Datasheet HTML 4Page - RF Micro Devices RFFC2071SB Datasheet HTML 5Page - RF Micro Devices RFFC2071SB Datasheet HTML 6Page - RF Micro Devices RFFC2071SB Datasheet HTML 7Page - RF Micro Devices RFFC2071SB Datasheet HTML 8Page - RF Micro Devices RFFC2071SB Datasheet HTML 9Page - RF Micro Devices RFFC2071SB Datasheet HTML 10Page - RF Micro Devices RFFC2071SB Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
External Reference
The RFFC2071 and RFFC2072 have been designed to use an external reference such as a TCXO. The typical input will be a
0.8Vp-p clipped sine wave, which should be AC-coupled into the reference input. When the PLL is not in use, it may be desir-
able to turn off the internal reference circuits, by setting the REFSTBY bit low, to minimize current draw while in standby mode.
On cold start, or if REFSTBY is programmed low, the reference circuits will need a warm-up period. This is set by the SU_WAIT
bits. This will allow the clock to be stable and immediately available when the ENBL bit is asserted high, allowing the PLL to
assume normal operation.
If the current consumption of the reference circuits in standby mode, typically 2mA, is not critical, then the REFSTBY bit can be
set high. This allows the fastest startup and lock time after ENBL is taken high.
Wideband Mixer
The mixers are wideband, double-balanced Gilbert cells. They support RF/IF frequencies from 30MHz up to 2700MHz. Each
mixer has an input port and an output port that can be used for either IF or RF (in other words, for up- or down-conversion). The
mixer current can be programmed to between about 15mA and 45mA depending on linearity requirements. The majority of the
mixer current is sourced through the output pins via either a center-tapped balun or an RF choke in the external matching cir-
cuitry to the supply.
The RF mixer input and output ports are differential and require baluns and simple matching circuits optimized to the specific
application frequencies. A conversion gain of approximately -2dB (not including balun losses) is achieved with 100
 differen-
tial input impedance, and the outputs driving 200
 differential load impedance. Increasing the mixer output load increases
the conversion gain.
The mixer has a broadband common gate input. The input impedance is dominated by the resistance set by the mixer 1/gm
term, which is inversely proportional to the mixer current setting. The resistance will be approximately 85
 at the default mixer
current setting (100). There is also some shunt capacitance at the mixer input, and the inductance of the bond wires (about
0.5nH on each pin) to consider at higher frequencies. The following diagram is a simple model of the mixer input impedance:
The mixer output is high impedance, consisting of approximately 2k
 resistance in parallel with some capacitance, approxi-
mately 1pF. The mixer output does not require a conjugate matching network. It is a constant current output which will drive a
real differential load of between 50Ω and 500Ω, typically 200Ω. Since the mixer output is a constant current source, a higher
resistance load will give higher output voltage and gain. A shunt inductor can be used to resonate with the mixer output capac-
itance at the frequency of interest. This inductor may not be required at lower frequencies where the impedance of the output
capacitance is less significant. At higher output frequencies the inductance of the bond wires (about 0.5nH on each pin)
becomes more significant. The following diagram is a simple model of the mixer output:
RFFC207x
Mixer Input
0.5nH
0.5nH
Rin
Typ 85
0.5pF
RFFC207x
Mixer Output
0.5nH
0.5nH
1K
1pF
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com