Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESSM-2-6
Description  E-Series 2-Way 0 Power Divider 5 - 900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSM-2-6 Datasheet(HTML) 1 Page - Tyco Electronics

  ESSM-2-6 Datasheet HTML 1Page - Tyco Electronics ESSM-2-6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series 2 Way 0
o Power Divider — 5 - 900 MHz
ESSM-2-6
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 0862 D
Features
• 2 Way
• 0 Degree
• Surface Mount
Description
M/A-COM’s ESSM-2-6 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
cellular and wireless applications.
E-Series 2-Way 0
o Power Divider
5 - 900 MHz
ESSM-2-6
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5 - 900
MHz
Insertion Loss
5 - 50 MHz
50 - 450 MHz
450 - 900 MHz
dB
dB
dB
0.2
0.4
0.7
0.4
0.7
1.2
Isolation
5 - 50 MHz
5 - 450 MHz
450 - 900 MHz
dB
dB
dB
28
28
22
20
20
15
Amplitude Unbalance
5 - 50 MHz
50 - 450 MHz
450 - 900 MHz
dB
dB
dB
0.2
0.3
0.5
Phase Unbalance
5 - 50 MHz
50 - 450 MHz
450 - 900 MHz
o
o
o
2.0
o
3.0
o
5.0
o
Input & Output Return Loss
5 - 900 MHz
dB
25
16
Electrical Specifications @25°C
SM-1 Package


Similar Part No. - ESSM-2-6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
More results

Similar Description - ESSM-2-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESML-2-1 MACOM-ESML-2-1 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 750 MHz
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-9-75 MACOM-ESSM-2-9-75 Datasheet
312Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 120 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
E-Series 2-Way Power Divider 5 - 900 MHz
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com