Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1515AVB2-R3 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1515AVB2-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R3 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1515AVB2-R3 Datasheet HTML 10Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 11Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 12Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 13Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 14Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 15Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 16Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 17Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 18Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
NJG1515AVB2
- 16 -
nRECOMMENDED CIRCUIT (TX-ANT1 passing)
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
MARK
ANT-SW
DECORDER
C10
5pF
C5
56pF
C4
56pF
C3
56pF
1
C2
1000pF
R1
100K
Ω
R2
100K
Ω
(TER2)
ANT2
C7
56pF
C6
56pF
C9
5pF
R3
100K
Ω
C1
1000pF
VCTL2
0V/3V
0V/3V
VCTL3
VSS
-2.5V
EXT2
50
Ω
50
Ω
50
Ω
EXT1
TX
RX
VDD
VCTL1
0V/3V
3.5V
50
Ω
PCB
50
Ω
50
Ω
SW1
SW7
SW4
SW4
SW6
SW8
SW9
SW5
SW2
ANT1
SW3
C8
56pF
(TER1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com