Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1515AVB2-R3 Datasheet(PDF) 17 Page - New Japan Radio

Part # NJG1515AVB2-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R3 Datasheet(HTML) 17 Page - New Japan Radio

Back Button NJG1515AVB2-R3 Datasheet HTML 10Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 11Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 12Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 13Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 14Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 15Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 16Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 17Page - New Japan Radio NJG1515AVB2-R3 Datasheet HTML 18Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
NJG1515AVB2
- 17 -
nRECOMMENDED PCB DESIGN
PART ID
VALUE
COMMENT
R1~R3
100K
Ω
TAMA Electronics (CRG16G)
C1, C2
1000pF
MURATA (GRM36)
C3~C8
56pF
MURATA (GRM36)
C9, C10
5pF
MURATA (GRM36)
PCB: FR-4, t= 0.5mm
Stripline width: 1mm
C9
C2
EXT1
EXT2
VCTL2
C1
C4
C8
PARTS LIST
TX
ANT1
NJG1515AVB2
1
VCTL1
C6
C7
C3
C10
C5
RX
ANT2
R1
VDD
VSS
VCTL3
GND
R3
R2
Pass route
800MHz Band
(dB)
1.5GHzBand
(dB)
TX-ANT1
0.17
0.21
TX-EXT1
0.18
0.21
RX-ANT1
0.17
0.23
RX-ANT2
0.19
0.25
RX-EXT1
0.18
0.24
RX-EXT2
0.19
0.25
Board total Loss
(Capacitor, Connector and PCB)
PRECAUTIONS
[1] The bypass capacitors should be connected to the VDD, VSS terminals as close as possible
respectively.
[2] For good RF performance, the ground terminals should be directly connected to the ground
patterns and through-holes as close as possible using relatively wide pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com