Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDT1053 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZDT1053
Description  75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZDT1053 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZDT1053_15 Datasheet HTML 1Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 2Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 3Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 4Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 5Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 6Page - Diodes Incorporated ZDT1053_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZDT1053
Document number: DS33206 Rev. 4 - 2
1 of 7
www.diodes.com
April 2015
© Diodes Incorporated
ZDT1053
A Product Line of
Diodes Incorporated
75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
Features
BVCEO > 75V
IC = 5A High Collector Current
ICM = 20A Peak Pulse Current
High Gain hFE > 300 @ 1A
Low Saturation Voltage VCE(SAT) < 150mV @ 1A
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SM-8 (8 LEAD SOT223)
Case Material: Molded Pl
astic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
Weight: 0.117 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZDT1053TA
AEC-Q101
T1053
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Top View
Pin Out
Top View
SM-8
Green
SM-8
T1053 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01 to 53)
ZETEX
T1053
B1
E1
B2
E2
C1
C1
C2
C2
Bevelled Corner
4
1
5
8


Similar Part No. - ZDT1053_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1053 ZETEX-ZDT1053 Datasheet
78Kb / 3P
DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT1053 DIODES-ZDT1053 Datasheet
87Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
APRIL 2000
More results

Similar Description - ZDT1053_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
SM-8 Dual NPN medium power high gain transistors
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT694 DIODES-ZDT694 Datasheet
70Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
NOVEMBER 1995
ZDT1049 DIODES-ZDT1049 Datasheet
72Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
JANUARY 1996
ZDT1053 DIODES-ZDT1053 Datasheet
87Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
APRIL 2000
logo
Zilog, Inc.
ZDT694TA ZILOG-ZDT694TA Datasheet
70Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
FZT1053A DIODES-FZT1053A_15 Datasheet
765Kb / 7P
75V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
ZDT694 DIODES-ZDT694_15 Datasheet
356Kb / 7P
120V DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8
Rev 2
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
SM-8 Dual NPN medium power high gain transistors
DECEMBER 2007
ZDT1049 DIODES-ZDT1049_15 Datasheet
72Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
JANUARY 1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com