Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ATR7 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RFFC5072ATR7
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR7 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RFFC5072ATR7 Datasheet HTML 16Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 17Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 18Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 19Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 20Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 21Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 22Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 23Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical RF Mixer 2 Performance Characteristics
VDD = +3V and TA = +27°C unless stated. As measured on RFFC5071A wideband evaluation board.
See application schematic on page 13.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1234567
Mixer Bias Current Setting (MIX2_IDD)
Mixer 2 Input IP3 versus Bias Current
LO Frequency = 1000MHz, IF Output = 100MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.6V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.6V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.6V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
500
750
1000
1250
1500
1750
2000
LO Frequency (MHz)
Mixer 2 Noise Figure versus Frequency
IF Output = 100MHz
MIX_IDD = 1
MIX_IDD = 2
MIX_IDD = 3
MIX_IDD = 4
MIX_IDD = 5
MIX_IDD = 6
MIX_IDD = 7
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
1234567
Mixer Bias Current Setting (MIX2_IDD)
Mixer 2 Noise Figure versus Bias Current
LO Frequency = 1000MHz, IF Output = 100MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.6V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.6V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
500
750
1000
1250
1500
1750
2000
2250
RF Input Frequency (MHz)
Mixer 2 Linearity Performance
MIX_IDD = 5, +3.0V, IF Output = 100MHz
Input IP3
Pin 1dB
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
400
600
800
1000
1200
1400
1600
1800
2000
RF Input Frequency (MHz)
Conversion Gain of Mixer 2
IF Output = 100MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.6V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.6V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.6V
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
1234567
Mixer Bias Current Setting (MIX2_IDD)
Mixer 2 Input Power for 1dB Compression
LO Frequency = 1000MHz, IF Output = 100MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.6V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.6V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com