Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ATR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFC5072ATR7
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFC5072ATR7 Datasheet HTML 1Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 2Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 3Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 4Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 5Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 6Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 7Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 8Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer 1/2 (Mixer output driving 4:1 balun) (continued)
IIP3
+10
dBm
Low current setting
+23
dBm
High linearity setting
Input Port Frequency range
30
6000
MHz
Mixer input return loss
10
dB
100Ω differential
Output port frequency range
30
4500
MHz
Mixer 1/2 (Mixer output driving 1:1 balun)
Output Port Frequency Range
30
6000
MHz
Gain
-7
dB
Not including balun losses
Reference Oscillator
External reference frequency
10
104
MHz
Reference divider ratio
1
7
External reference input level
500
800
1500
mVp-p
AC-coupled
Synthesizer (PLL Closed Loop, 52MHz Reference)
Synthesizer Output Frequency
85
4200
MHz
Phase detector frequency
52
MHz
Phase noise (LO = 1GHz)
-108
dBc/Hz
10kHz offset
-107
dBc/Hz
100kHz offset
-135
dBc/Hz
1MHz offset
0.18
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO = 2GHz)
-102
dBc/Hz
10kHz offset
-101
dBc/Hz
100kHz offset
-130
dBc/Hz
1MHz offset
0.33
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO = 3GHz)
-98
dBc/Hz
10kHz offset
-98
dBc/Hz
100kHz offset
-125
dBc/Hz
1MHz offset
0.52
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO = 4GHz)
-96
dBc/Hz
10kHz offset
-95
dBc/Hz
100kHz offset
-124
dBc/Hz
1MHz offset
0.67
°
RMS integrated from 1kHz to 40MHz
Normalized phase noise floor
-214
dBc/Hz
Measured at 20kHz to 30kHz offset
Voltage Controlled Oscillator
Open loop phase noise at 1MHz offset
2.5GHz LO frequency
-133
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO frequency
-134
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO frequency
-136
dBc/Hz
VCO1, LO Divide by 2
Open loop phase noise at 10MHz offset
2.5GHz LO frequency
-149
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO frequency
-150
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO frequency
-151
dBc/Hz
VCO1, LO Divide by 2
External LO Input
LO Input Frequency Range
85
4200
MHz
LO Divide by 1
LO Input Frequency Range
85
5400
MHz
LO Divide by 2
External LO Input Level
0
dBm
Driven from 50
 Source Via a 1:1 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com