Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ATR13 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFC5072ATR13
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR13 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFC5072ATR13 Datasheet HTML 6Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 7Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 8Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 9Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 10Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 11Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 12Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 13Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
The modulation frequency is calculated according to the following formula:
Where MODULATION is a 2's complement number and FPD is the phase detector frequency.
Programming Information
The RFFC5071A and RFFC5072A share a common serial interface and control block. Please refer to the Register Maps and
Programming Guide which are available for download from http://rfmd.com/products/IntSynthMixer/.
Evaluation Boards
Evaluation boards for RFFC5071A and RFFC5072A are provided as part of a design kit, along with the necessary cables and
programming software tool to enable full evaluation of the device. Design kits can be ordered from www.rfmd.com or from local
RFMD sales offices and authorized sales channels. For ordering codes please see “Ordering Information” on page 26.
For further details on how to set up the design kits go to http://rfmd.com/products/IntSynthMixer/.
The standard evaluation boards are configured with 3.7GHz ceramic baluns on the RF ports and wideband transformers on the
IF ports. On the RFFC5071A evaluation board, mixer 1 is configured for down-conversion and mixer 2 is configured for up-con-
version. On the RFFC5072A evaluation board, mixer 2 is configured for down conversion.
FMOD
2
MODSTEP F
PD
MODULATION
 2
16

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com