Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ATR13 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RFFC5072ATR13
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR13 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RFFC5072ATR13 Datasheet HTML 13Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 14Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 15Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 16Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 17Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 18Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 19Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 20Page - RF Micro Devices RFFC5072ATR13 Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical VCO Performance Characteristics
VDD = +3V and TA = +27°C unless stated.
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
1200
1300
1400
1500
1600
1700
1800
1900
VCO Frequency /2 (MHz)
VCO1 Frequency versus Kvco & CT_CAL
LO Divide by 2
Kvco
CT_CAL
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
1700
1800
1900
2000
2100
2200
2300
2400
VCO Frequency /2 (MHz)
VCO2 Frequency versus Kvco & CT_CAL
LO Divide by 2
Kvco
CT_CAL
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
2200
2300
2400
2500
2600
2700
2800
2900
3000
VCO Frequency /2 (MHz)
VCO3 Frequency versus Kvco & CT_CAL
LO Divide by 2
Kvco
CT_CAL
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
VCO Phase Noise
With LO Divide by 1
4000MHz VCO2
3500MHz VCO2
3000MHz VCO1
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
VCO Phase Noise
With LO Divide by 2
2500MHz VCO3
2000MHz VCO2
1500MHz VCO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com