Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4501FSQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4501FSQ
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501FSQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4501FSQ Datasheet HTML 1Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 2Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 3Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 4Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 5Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 6Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 7Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 8Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFFM4501F
PRELIMINARY
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL, VEN)
6.0
V
Supply Voltage (VDD)
6.0
V
Maximum CW Input Power
+12
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +150
°C
Maximum Junction Temperature
+150
°C
ESD Rating - Human Body Model (HBM)
250
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Parameter
Operating Frequency
5.150
5.850
GHz
Extended Frequency
4.900
5.850
GHz
Functional with reduced performance
Operating Temperature
-20
+85
ºC
Extended Operating Temperature
-40
-20
ºC
Functional with reduced performance
Power Supply VCC
3.0
3.3
5.0
V
Control Voltage-High
2.8
3.1
VCC
V
PA_EN, LNA_EN, CRX
Control Voltage-Low
0
0.2
V
Package Size
2.9 x 2.9
x 0.9
3.0 x 3.0
x 0.975
3.1 x 3.1
x 1.05
mm
Length x Width x Height
Transmit (TX-ANT)
VCC = 3.3V, f = 5.15 - 5.85 GHz, PA_EN = High,
LNA_EN = Low, CRX = Low, T = +25ºC;
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
17.5
18.0
dBm
T = 25ºC, VCC = 3.3V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS9 HT80 Output Power
16.5
17.0
dBm
T = -20ºC to +85ºC, VCC = 3.3V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11n MCS7 HT20 Output Power
19.5
dBm
T = 25ºC, VCC = 3.3V
Dynamic EVM
2.5
3.0
%
-32.0
-30.5
dB
802.11n MCS7 HT20 Output Power
18
dBm
T = -20ºC to +85ºC, VCC = 3.3V
Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
Spectral Mask Output Power
20
dBm
T = 25ºC, VCC = 3.3V, 802.11ac MCS9 HT80
21
dBm
T = 25ºC, VCC = 3.3V, 802.11ac MCS0 HT20
Large Signal Gain
28
dB
T = 25ºC, VCC = 3.3V
Large Signal Gain
25
28
T = -20ºC to +85ºC, VCC = 3.3V
Gain Flatness Over Full Frequency band
-1.5
1.5
T = -25 ºC, VCC = 3.3V
TX Port Return Loss
9
15
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com