Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4501FSQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4501FSQ
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501FSQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4501FSQ Datasheet HTML 1Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 2Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 3Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 4Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 5Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 6Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 7Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 8Page - RF Micro Devices RFFM4501FSQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM4501F
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive (ANT-RX) LNA On Mode
VCC = 3.3V to 5.0V, f = 5.15 - 5.85 GHz,
PA_EN = Low, LNA_EN = High; CRX = High,
T = +25ºC; Unless otherwise noted
Gain
12
dB
Noise Figure
2.5
dB
Rx Port Return Loss
10
dB
ANT Port Return Loss
10
dB
Input P1dB
-13
-10
dBm
Input IP3
-3
0
dBm
Receive (ANT-RX) LNA Bypass
Mode
VCC = 3.3V to 5.0V, f = 5.15 - 5.85 GHz,
PA_EN = Low, LNA_EN = Low, CRX = High,
T = +25ºC; Unless otherwise noted
Bypass Loss
8
dB
RX Port Return Loss
7
dB
ANT Port Return Loss
6
dB
Input P1dB
5
10
dBm
Input IP3
15
20
dBm
Isolation ANT-TX: Rx Mode
20
dB
CRX = High, PA_EN = Low
Isolation ANT-RX: Tx Mode
25
dB
PA_EN = High, CRX = Low, LNA_EN = Low
General Specifications
VCC = 3.3V or 5.0V
CRX Control Current
0.5
1
uA
PA_EN Control Current
30
50
uA
Switching Speed
100
nS
ESD – Human Body Model
250
V
ESD – Charge Device Model
500
V
PA Turn-on Time
200
500
nS
10% to 90%
PA Stability
Unconditional into 4:1 VSWR,
No spurious above -41.25dBm/MHz
Maximum Input Power
+12
dBm
Into 50 Ohms
Ruggedness
10:1
VSWR
At typical operating conditions
Switch Control Logic Table
Operating Mode
PA_EN
LNA_EN
CRX
Standby
Low
Low
Low
802.11a/n/ac TX
High
Low
Low
802.11a/n/ac RX Gain
Low
High
High
802.11a/n/ac RX Bypass
Low
Low
High
Notes:
•
PA_EN and TX switch control are tied together internally.
•
High = 2.8 to VCC. Low = 0V to 0.2V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com