Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2EEFS Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M306V2EEFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 276 page
background image
M306V2ME-XXXFP
M306V2EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
7
Rev. 1.0
Table 1.5.3 Pin description (1)
VCC, VSS
CNVSS
XIN
XOUT
BYTE
AVCC
P00 to P07
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
External data
bus width
select input
Analog power
supply input
I/O port P0
Supply 4.5 V to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Function
This pin switches between processor modes. Connect it to the
VSS pin when operating in single-chip or memory expansion mode.
Connect it to the VCC pin when in microprocessor mode.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
XOUT pin open.
This pin selects the width of an external data bus. A 16-bit width is
selected when this input is “L”; an 8-bit width is selected when this
input is “H”. This input must be fixed to either “H” or “L.” When
operating in single-chip mode,connect this pin to VSS.
This pin is a power supply input for the A-D converter. Connect this
pin to VCC.
This is an 8-bit CMOS I/O port. It has an input/output port direction
register that allows the user to set each pin for input or output
individually. When set for input in single-chip mode, the user can specify
in units of four bits via software whether or not they are tied to a pull-up
resistor. In memory expansion and microprocessor modes, the user
cannot specify that.
Pin name
Input
Input
Input
Output
Input
Input/output
I/O type
D0 to D7
P10 to P17
I/O port P1
When set as a separate bus, these pins input and output data (D0–D7).
This is an 8-bit I/O port equivalent to P0.
Input/output
Input/output
D8 to D15
P20 to P27
A0 to A7
A0/D0 to
A7/D7
A0
A1/D0 to A7/D6
P30 to P37
A8 to A15
A8/D7,
A9 to A15
P40 to P47
I/O port P2
I/O port P3
I/O port P4
When set as a separate bus, these pins input and output data (D8–D15).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 low-order address bits (A0–A7).
If the external bus is set as an 8-bit wide multiplexed bus, these pins
input and output data (D0–D7) and output 8 low-order address bits
(A0–A7) separated in time by multiplexing.
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D0–D6) and output address (A1–A7) separated
in time by multiplexing. They also output address (A0).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 middle-order address bits (A8–A15).
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D7) and output address (A8) separated in time
by multiplexing. They also output address (A9–A15).
This is an 8-bit I/O port equivalent to P0.
Input/output
Input/output
Output
Input/output
Output
Input/output
Input/output
Output
Input/output
Output
Input/output
Output
Output
CS0 to CS3,
A16 to A19
These pins output CS0–CS3 signals and A16–A19. CS0–CS3 are chip
select signals used to specify an access space. A16–A19 are 4 high-
order address bits.
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com