Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2EEFS Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M306V2EEFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 276 page
background image
M306V2ME-XXXFP
M306V2EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
24
Rev. 1.0
Figure 2.4.1 Processor mode register 0
Processor mode register 0 (Note 1)
SymbolAddressWhen reset
PM0000416
0016 (Note 2)
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Inhibited
1 1: Microprocessor mode
b1 b0
PM03
PM01
PM00
Processor mode bit
PM02
R/W mode select bit
0 : RD,BHE,WR
1 : RD,WRH,WRL
Software reset bit
The device is reset when this bit is set
to “1”. The value of this bit is “0” when
read.
PM04
0 0 : Multiplexed bus is not used
0 1 : Allocated to CS2 space
1 0 : Allocated to CS1 space
1 1 : Allocated to entire space (Note 4)
b5 b4
Multiplexed bus space
select bit
PM05
PM06
PM07
Port P40 to P43 function
select bit (Note 3)
0 : Address output
1 : Port function
(Address is not output)
BCLK output disable bit
0 : BCLK is output
1 : BCLK is not output
(Pin is left floating)
Notes 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
2: If the VCC voltage is applied to the CNVSS, the value of this register when
reset is 0316. (PM00 and PM01 both are set to “1”.)
3: Valid in microprocessor and memory expansion modes.
4: If the entire space is of multiplexed bus in memory expansion mode, choose an 8-
bit width.
The processor operates using the separate bus after reset is revoked, so the
entire space multiplexed bus cannot be chosen in microprocessor mode.
The higher-order address becomes a port if the entire space multiplexed bus is
chosen, so only 256 bytes can be used in each chip select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com