Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5585 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 17Page - Linear Technology LTC5585_15 Datasheet HTML 18Page - Linear Technology LTC5585_15 Datasheet HTML 19Page - Linear Technology LTC5585_15 Datasheet HTML 20Page - Linear Technology LTC5585_15 Datasheet HTML 21Page - Linear Technology LTC5585_15 Datasheet HTML 22Page - Linear Technology LTC5585_15 Datasheet HTML 23Page - Linear Technology LTC5585_15 Datasheet HTML 24Page - Linear Technology LTC5585_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC5585
21
5585fb
For more information www.linear.com/LTC5585
APPLICATIONS INFORMATION
tone spacing is 1MHz, and fLO is 10MHz lower than fRF.
The conversion gain is lower than under the impedance
matched condition, and correspondingly the P1dB, IIP3,
and NF are higher. As shown, the part can be used at
frequencies outside its specified operating range with
reduced conversion gain and higher NF.
LO Input Port
The demodulator’s LO input interface is shown in Fig-
ure 12. The input consists of a high precision quadrature
phase shifter which generates 0° and 90° phase shifted
LO signals for the LO buffer amplifiers to drive the I/Q
mixers. DC blocking capacitors are required on the LO+
and LO– inputs.
Figure 8. Broadband IIP3 and IP1dB
Figure 11. Broadband Image Rejection
Figure 9. Broadband IIP2
Figure 10. Broadband NF and Gain
ThedifferentialLOinputimpedanceandSparameterswith
the input transmission lines and balun de-embedded are
listed in Table 2.
Figure 13 shows LO input return loss using the ANAREN
BD0826J50200A00 4:1 balun with various matching
component values.
For optimum IIP2 and large-signal NF performance the LO
inputs should be driven differentially with a 4:1 balun such
astheANARENBD0826J50200A00orBD2425J50200AHF.
As shown in Figure 14, the LO input can also be driven
single-ended from either the LO+ or LO– input. The unused
portshouldbeDC-blockedandterminatedwitha50Ωload.
Figure 15 compares the uncalibrated IIP2 performance of
single ended versus differential LO drive.
LO FREQUENCY (MHz)
400
10
14
22
26
30
50
38
1400
2400 2900 3400
5585 F08
18
42
46
34
900
1900
3900
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
IIP3
P1dB
LO FREQUENCY (MHz)
400
30
40
60
70
80
130
100
1400
2400 2900 3400
5585 F09
50
110
120
90
900
1900
3900
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
LO FREQUENCY (MHz)
–4
0
–2
6
8
10
12
14
20
18
16
30
24
1400
2400 2900 3400
5585 F10
2
4
26
28
22
900
1900
3900
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
NF
GAIN
LO FREQUENCY (MHz)
500
60
80
4000
5585 F11
40
20
1500
2500
3500
1000
2000
3000
100
50
70
30
90
TC = –40°C
TC = 25°C
TC = 85°C
TC = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com