Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5585 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 30Page - Linear Technology LTC5585_15 Datasheet HTML 31Page - Linear Technology LTC5585_15 Datasheet HTML 32Page - Linear Technology LTC5585_15 Datasheet HTML 33Page - Linear Technology LTC5585_15 Datasheet HTML 34Page - Linear Technology LTC5585_15 Datasheet HTML 35Page - Linear Technology LTC5585_15 Datasheet HTML 36Page - Linear Technology LTC5585_15 Datasheet HTML 37Page - Linear Technology LTC5585_15 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
LTC5585
37
5585fb
For more information www.linear.com/LTC5585
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
8/12
Changes to 1950MHz L6, C19 and L5 Matching Component Values
Correction to Plot 5585 G4 Vertical Axis Label
Changes to Plot G20
Changes to Plots G30 and G35
Corrections to Plot G44 Horizontal Axis Label
Changes to Plot G61
Changes to Plot G78
Changes to Figure 1, RF and LO MATCH Table 1950MHz L6, C19 and L5 Component Values
Changes to Figure 5, 1.9GHz L6 and C19 Component Values
Change to Figure 13, 1.9GHz L5 Component Value
Added Reduced Power Consumption Paragraph Title
Correction to Figure 32 Title
Correction to text 1875Hz
3
6
8
10
11
13
15
18
20
22
29
29
31
B
11/14
Changes to Features and Description
Change to 700MHz IRR
Insert 3500MHz Data and Supply Current Condition
Correction to Plot G19 Vertical Axis Label
Correction to Plot G34 Vertical Axis Label
Correction to Plot G45 Horizontal Axis Label
Correction to Plot G60 Vertical Axis Label
Correction to Plot G77 Vertical Axis Label
Change to Figure 1 RF MATCH 2150MHz Table Values
Change to Figure 13 C13 and L5 Component Values
Change to text "lag (or lead)"
Omission of 6mA Current Arrows
Change in Figure 22 C Value
Change in Figure 33 ADC Output D15
Change in Typical Application ADC Output D15
1
3
4
8
10
11
13
15
18
22
23
24
26
30
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com