Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2005 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA2005
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005 Datasheet(HTML) 7 Page - RF Micro Devices

  RFPA2005 Datasheet HTML 1Page - RF Micro Devices RFPA2005 Datasheet HTML 2Page - RF Micro Devices RFPA2005 Datasheet HTML 3Page - RF Micro Devices RFPA2005 Datasheet HTML 4Page - RF Micro Devices RFPA2005 Datasheet HTML 5Page - RF Micro Devices RFPA2005 Datasheet HTML 6Page - RF Micro Devices RFPA2005 Datasheet HTML 7Page - RF Micro Devices RFPA2005 Datasheet HTML 8Page - RF Micro Devices RFPA2005 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 9
RFPA2005
Evaluation Board Bill of Materials (BOM) 2110MHz to 2170MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA2005, RFPA0805 Evaluation Board
Dynamic Details (DDI) Toronto
RFPA0805-410 (A)
2110MHz to 2170MHz Integrated PA
Module
U1
RFMD
RFPA2005
CAP, 4.7µF, 20%, 10V, X7R, 1206
C6, C7
Taiyo Yuden (USA), Inc.
CE LMK316 B7475ML-7
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C5, C9, C13
Murata Electronics
GRM155R71H102KA01D
CAP, 0.1µF, 10%, 16V, X7R, 0402
C8
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, END, LAUNCH, 0.068”
J1-J2
Gigalane Co., Ltd.
PAF-S05-008
CON, HDR, St, PLRZD, 4-
PIN, 0.100”
P1
ITW Pancon
MPSS100-4-C
CONN, HDR, ST, PLRZD, 3-
PIN, 0.100”
P2
ITW Pancon
MPSS100-3-C
Evaluation Board Assembly Drawing 2110MHz to 2170MHz Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com