Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2005 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA2005
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005 Datasheet(HTML) 8 Page - RF Micro Devices

  RFPA2005 Datasheet HTML 1Page - RF Micro Devices RFPA2005 Datasheet HTML 2Page - RF Micro Devices RFPA2005 Datasheet HTML 3Page - RF Micro Devices RFPA2005 Datasheet HTML 4Page - RF Micro Devices RFPA2005 Datasheet HTML 5Page - RF Micro Devices RFPA2005 Datasheet HTML 6Page - RF Micro Devices RFPA2005 Datasheet HTML 7Page - RF Micro Devices RFPA2005 Datasheet HTML 8Page - RF Micro Devices RFPA2005 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 9
RFPA2005
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground connection
2
RFIN
RF Input; internally matched to 50
Ω
3
GND
Ground connection
4
GND
Ground connection
5
VBIAS
Input Bias Voltage; this pin requires a regulated supply to maintain nominal bias current
6
VEN
Enable
7
GND
Ground connection
8
GND
Ground connection
9
RFOUT
RF Output; internally matched to 50
Ω
10
GND
Ground connection
11
NC
Not connected
12
VCC2
Output stage collector supply voltage
13
GND
Ground connection
14
NC
Not connected, OPEN Circuit in the Module
15
GND
Ground connection
16
VCC1
Driver stage collector supply voltage
PKG BASE
GND
Ground connection; the back side of the package should be connected to the ground plan though as short of a
connection as possible, PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com