Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2013 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2013
Description  GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2013 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2013 Datasheet HTML 1Page - RF Micro Devices RFPA2013 Datasheet HTML 2Page - RF Micro Devices RFPA2013 Datasheet HTML 3Page - RF Micro Devices RFPA2013 Datasheet HTML 4Page - RF Micro Devices RFPA2013 Datasheet HTML 5Page - RF Micro Devices RFPA2013 Datasheet HTML 6Page - RF Micro Devices RFPA2013 Datasheet HTML 7Page - RF Micro Devices RFPA2013 Datasheet HTML 8Page - RF Micro Devices RFPA2013 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3 of 20
RFPA2013
DS130219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2550MHz to 2650MHz
VCC = 5.0V, ICQ = 165mA, linear tune
Frequency
2600
MHz
EVB tuned for WCDMA 60dBc linear operation
Input Power (PIN)
17
dBm
Max recommended continuous input power,
VCC < 6.0V, load VSWR < 2:1
Gain (S21)
14.1
dB
OIP3
41
dBm
15dBm/tone, tone spacing = 1MHz
P1dB
26.8
dBm
EVB tuned for linear operation
Input Return Loss (S11)
12.5
dB
Output Return Loss (S22)
12
dB
Noise Figure
3.4
dB
WCDMA Channel Power at -55dBc
ACPR
16.0
dBm
3GPP 3.5, test model 1, 64 DPCH
2600MHz to 2700MHz
VCC = 5.0V, ICQ = 165mA, linear tune
Frequency
2650
MHz
EVB tuned for WCDMA 60dBc linear operation
Input Power (PIN)
17
dBm
Max recommended continuous input power,
VCC < 6.0V, load VSWR < 2:1
Gain (S21)
14.4
dB
OIP3
40
dBm
15dBm/tone, tone spacing = 1MHz
P1dB
27
dBm
EVB tuned for linear operation
Input Return Loss (S11)
13.5
dB
Output Return Loss (S22)
13.5
dB
Noise Figure
3.4
dB
WCDMA Channel Power at -55dBc
ACPR
16.0
dBm
3GPP 3.5, test model 1, 64 DPCH
Power Supply
Operating Current (Quiescent)
165
mA
At VBIAS = VCC = 5.0V
Operating Voltage (VCC)
5.0
6.0
V
Max recommended collector voltage
Operating Voltage (VBIAS)
5.0
6.0
V
VBIAS = VCC under normal operating conditions
Power Down Current
10
PAVREF = 0V, VBIAS = VCC = 5.0V
Thermal Resistance (RTH)
(Junction to EPAD)
60
C/W
Quiescent conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com