Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2013 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2013
Description  GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2013 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2013 Datasheet HTML 1Page - RF Micro Devices RFPA2013 Datasheet HTML 2Page - RF Micro Devices RFPA2013 Datasheet HTML 3Page - RF Micro Devices RFPA2013 Datasheet HTML 4Page - RF Micro Devices RFPA2013 Datasheet HTML 5Page - RF Micro Devices RFPA2013 Datasheet HTML 6Page - RF Micro Devices RFPA2013 Datasheet HTML 7Page - RF Micro Devices RFPA2013 Datasheet HTML 8Page - RF Micro Devices RFPA2013 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Ordering Information
RFIN
NC
RFIN
NC
NC
1
2
3
4
NC
13
14
15
16
12
11
10
9
RFOUT/VCC
RFOUT/VCC
8
7
6
5
BIAS
CIRCUIT
RFPA2013
GaAs HBT Power Amplifier
0.5W, 400MHz to 2700MHz
The RFPA2013 is a single-stage GaAs HBT power amplifier specifically designed for
Wireless Infrastructure applications. It offers ultra-linear operation at a comparably
low DC power, making it ideal for next generation radios requiring high efficiency. Its
external matching allows for use across various radio platforms within 400MHz to
2700MHz. The RFPA2013 offers a low noise figure, making it an excellent solution
for 2nd and 3rd stage LNAs.
Features
„ -60dBc ACPR at 15.5dBm
WCDMA
„ 0.5W Output Power (P1dB)
„ NF = 3.8dB at 2140MHz
„ Gain = 15.7dB at 2140MHz
„ Power-Down Capability
Applications
„ GaAs Pre-Driver for Base Station
Amplifiers
„ PA Stage for Commercial
Wireless Infrastructure
„ 2nd or 3rd Stage LNAs
„ Class AB Operation for GSM,
DCS, PCS, UMTS, WiMAX, TD-
SCDMA, LTE Transceiver
Applications
DS130219
Package: QFN, 16-Pin, 3mm x 3mm
RFPA2013Pre-
liminary
RFPA2013SR
7” Sample reel with 100 pieces
RFPA2013SQ
Sample bag with 25 pieces
RFPA2013TR7
7” Reel with 2500 pieces
RFPA2013PCK-410
2110MHz to 2170MHz PCBA with 5-piece sample bag
RFPA2013PCK-411 2600MHz to 2700MHz PCBA with 5-piece sample bag
RFPA2013PCK-412 2550MHz to 2650MHz PCBA with 5-piece sample bag
869MHz to 894MHz PCBA Not Available Online, Contact Product Line Apps


Similar Part No. - RFPA2013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
More results

Similar Description - RFPA2013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com