Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2016 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFPA2016
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFPA2016 Datasheet HTML 11Page - RF Micro Devices RFPA2016 Datasheet HTML 12Page - RF Micro Devices RFPA2016 Datasheet HTML 13Page - RF Micro Devices RFPA2016 Datasheet HTML 14Page - RF Micro Devices RFPA2016 Datasheet HTML 15Page - RF Micro Devices RFPA2016 Datasheet HTML 16Page - RF Micro Devices RFPA2016 Datasheet HTML 17Page - RF Micro Devices RFPA2016 Datasheet HTML 18Page - RF Micro Devices RFPA2016 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
15 of 25
RFPA2016
Evaluation Board Bill of Materials (BOM) 2.11GHz to 2.17GHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA2026 Evaluation Board
Dynamic Details (DDI) Toronto
RFPA2026-410(B)
700MHz to 2700MHz PA, 1W, 32dB Gain,
Ext. Match
U1
RFMD
RFPA2016
CAP, 10µF, 10%, 10V, TANT-A
C1, C16, C19
AVX Corporation
TAJA106K010RNJ
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C17, C20, C37
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 12pF, 5%, 50V, C0G, 0402
C3, C18, C21, C24, C31,
C36
Murata Electronics
GRM1555C1H120JZ01E
CAP, 4.3pF, +/-0.1pF, 50V, C0G, 0402
C7
Murata Electronics
GRM1555C1H4R3BA01D
CAP, 3.3pF, +/-0.1pF, 50V, C0G, 0402
C12, C14
Murata Electronics
GRM1555C1H3R3BA01D
CAP, 2.4pF, +/-0.1pF, 50V, HI-Q, 0402
C28
Murata Electronics
GJM1555C1H2R4BB01D
CAP, 0.2pF, +/-0.1pF, 50V, HI-Q, 0402
C32
Murata Electronics
GJM1555C1HR20BB01D
CAP, 0.1µF, 10%, 16V, X7R, 0402
C38
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, 4-HOLE PANEL MOUNT
JACK
J1-J2
Gigalane Co., Ltd.
PAF-S00-000
IND, 22nH, 5%, M/L, 0603
L1
Toko Inc.
LL1608-FSL22NJ
IND, 18nH, 5%, M/L, 0402
L2
Toko Inc.
LL1005-FH18NJ
IND, 24nH, 5%, W/W, 0603
L3
Coilcraft, Inc.
0603HC-24NXJLW
RES, 0Ω, 0402
L4, R1, R5
Kamaya, Inc.
RMC1/16SJPTH
CONN, HDR, ST, PLRZD, 6-
PIN, 0.100”
P1-P2
ITW Pancon
MPSS100-6-C
RES, 1.2K, 5%, 1/16W, 0402
R2
Kamaya, Inc.
RMC1/16S-122JTH
RES, 1.8K, 5%, 1/16W, 0402
R3
Kamaya, Inc.
RMC1/16S-182JTH
Res, 1K, 5%, 1/16W, 0402
R4
Kamaya, Inc.
RMC1/16S-102JTH
HEATSINK, BLOCK, TEST FIX, 1.5” x 2.0”
Wells Machining
EEF-101217
SCREW, 2-
56 x 3/16”, SOCKET HEAD
S1-S9
McMaster-Carr Supply Co.
92196A076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com