Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2016 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2016
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2016 Datasheet HTML 1Page - RF Micro Devices RFPA2016 Datasheet HTML 2Page - RF Micro Devices RFPA2016 Datasheet HTML 3Page - RF Micro Devices RFPA2016 Datasheet HTML 4Page - RF Micro Devices RFPA2016 Datasheet HTML 5Page - RF Micro Devices RFPA2016 Datasheet HTML 6Page - RF Micro Devices RFPA2016 Datasheet HTML 7Page - RF Micro Devices RFPA2016 Datasheet HTML 8Page - RF Micro Devices RFPA2016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 25
Absolute Maximum Ratings
1
Parameter
Rating
Unit
Supply Voltage (VCC, VBIAS, VEN )
6.0
V
Amp1 DC Current (ICC1)
100
mA
Amp2 DC Current (ICC2)
250
mA
Amp3 DC Current (ICC3)
800
mA
CW Input Power, 50Ω, 2-Stage Operation
1
dBm
CW Input Power, 50Ω, 3-Stage Operation
18
dBm
Modulated (WCDMA) Input Power, 6:1 output VSWR, 2-Stage Operation
-6
dBm
Modulated (WCDMA) Input Power, 6:1 output VSWR, 3-Stage Operation
7
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 1A
Moisture Sensitivity Level
MSL3
Notes:
1.
The maximum ratings must all be met simultaneously
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature (TJ)
1& 2
165
°C
Collector Voltage (VCC1, VCC2, VCC3,)
3
2.7
5
5.25
V
Notes:
1.
TJ for 1e6 hours MTTF, CW Operation
2.
TJ = TL + PDISS * RTH
3.
Max recommended operational collector voltage
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
728MHz to 768MHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
748
MHz
Input Power
-2
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
35
dB
Stage 1 bypassed
ACPR
-48
dBc
RF output power = 21dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
31.5
dBm
Output IP3
40
dBm
18dBm per tone, 1MHz spacing, optimized for best ACPR
Detector Output Voltage
0.85
V
CW RF output power = 21dBm with 0.3pF coupling capacitor
Input Return Loss
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com