Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2026 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RFPA2026
Description  3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2026 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RFPA2026 Datasheet HTML 17Page - RF Micro Devices RFPA2026 Datasheet HTML 18Page - RF Micro Devices RFPA2026 Datasheet HTML 19Page - RF Micro Devices RFPA2026 Datasheet HTML 20Page - RF Micro Devices RFPA2026 Datasheet HTML 21Page - RF Micro Devices RFPA2026 Datasheet HTML 22Page - RF Micro Devices RFPA2026 Datasheet HTML 23Page - RF Micro Devices RFPA2026 Datasheet HTML 24Page - RF Micro Devices RFPA2026 Datasheet HTML 25Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140915
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
21 of 25
RFPA2026
Evaluation Board Bill of Materials (BOM) 2.58GHz to 2.69GHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA2026 Evaluation Board
Dynamic Details (DDI) Toronto
RFPA2026-410(B)
700MHz to 2700MHz PA, 2W, 35dB Gain,
Ext. Match
U1
RFMD
RFPA2026
CAP, 10µF, 10%, 10V, TANT-A
C1, C16, C19
AVX Corporation
TAJA106K010RNJ
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C17, C20
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 7.5pF, +/-0.5pF, 50V, C0G, 0402
C3, C18, C21, C36, C39
Murata Electronics
GRM1555C1H7R5DZ01E
CAP, 0.7pF, +/-0.1pF, 50V, C0G, 0402
C5
Murata Electronics
GRM1555C1HR70BZ01D
CAP, 1.5pF, +/-0.1pF, 50V, C0G, 0402
C9, C15
Murata Electronics
GRM1555C1H1R5BZ01E
CAP, 0.3pF, +/-0.05pF, 50V, HI-Q, 0402
C12
Murata Electronics
GJM1555C1HR30WB01D
CAP, 12pF, 5%, 50V, C0G, 0402
C14
Murata Electronics
GRM1555C1H120JZ01E
IND, 3nH, +/-0.1nH, T/F, 0402
C24
Murata Electronics
LQP15MN3N0B02D
CAP, 1.5pF, +/-0.1pF, 200V, Hi-Q, 0402
C28, C31
American Technical Ceramics
600L1R5BT200T
CAP, 0.2pF, +/-0.1pF, 50V, HI-Q, 0402
C32
Murata Electronics
GJM1555C1HR20BB01D
CAP, 0.1µF, 10%, 16V, X7R, 0402
C37-C38
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, 4-HOLE PANEL MOUNT
JACK
J1-J2
Gigalance Co., Ltd.
PAF-S00-000
IND, 24nH, 5%, W/W, 0603
L1, L3
Coilcraft, Inc.
0603HC-24NXJLW
IND, 22nH, 5%, M/L, 0402
L2
Toko Inc.
LL1005-FH22NJ
CAP, 15pF, 5%, 50V, HI-Q, 0402
L4
Murata Electronics
GJM1555C1H150JB01E
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1-P2
ITW Pancon
MPSS100-6-C
RES, 10Ω, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-100JTH
RES, 820Ω, 5%, 1/16W, 0402
R2
Kamaya, Inc
RMC1/16S-821JTH
RES, 1.3K, 5%, 1/16W, 0402
R3
Panasonic Industrial Sales
ERJ-2GEJ132
RES, 1.2K, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-122JTH
RES, 0Ω, 0402
R5
Kamaya, Inc
RMC1/16SJPTH
HEATSINK, BLOCK, TEST FIX, 1.5" x 2.0"
Wells Machining
EEF-101217
SCREW, 2-56 x 3/16", SOCKET HEAD
S1-S9
McMaster-Carr Supply Co.
92196A076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com